Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS32F Datasheet(PDF) 160 Page - Toshiba Semiconductor

Part # TMP93CS32F
Description  CMOS 16-Bit Microcontroller
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS32F Datasheet(HTML) 160 Page - Toshiba Semiconductor

Back Button TMP93CS32F Datasheet HTML 156Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 157Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 158Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 159Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 160Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 161Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 162Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 163Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 164Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 180 page
background image
TMP93CS32
2004-02-10
93CS32-158
(1) I/O port
Symbol
Name Address
7
6
5
4
3
2
1
0
P07
P06
P05
P04
P03
P02
P01
P00
R/W
Undefined
P0
PORT0
00H
Input mode
P17
P16
P15
P14
P13
P12
P11
P10
R/W
0
0
0
0
0
0
0
0
P1
PORT1
01H
Input mode
P27
P26
P25
P24
P23
P22
P21
P20
R/W
1
1
1
1
1
1
1
1
P2
PORT2
06H
(Prohibit
RMW*)
Input mode
P35
−
−
P32
P31
P30 (Note)
R/W
1
−
−
1
1
1
P3
PORT3
07H
(Prohibit
RMW*)
Input mode (Note) Always write “1”.
Input mode
Output mode
P47
P46
P45
P44
P43
P42
P41
−
R/W
1
1
1
1
1
1
1
−
P4
PORT4
0CH
Input mode
(Note) Always
write “1”.
P55
P54
P53
P52
P51
P50
R
Undefined
P5
PORT5
0DH
Input mode
−
−
P65
P64
P63
P62
P61
P60
R/W
−
−
1
1
1
1
1
1
P6
PORT6
12H
(Prohibit
RMW*)
(Note) Always write “1”.
Input mode
−
−
−
−
−
−
P71
P70
R/W
−
−
−
−
−
−
1
1
P7
PORT7
13H
(Note) Always write “1”.
Input mode
Note:
When P30 pin is defined as RD signal output mode (P3FC<P30F>
= 1), clearing the output latch
register P30 to “0” outputs the RD strobe from P30 pin for PSRAM, even when the internal address
is accessed. If the output latch register P30 remains “1”, the RD strobe is output only when the
external address is accessed.
Read/Write
R/W:
Either read or write is possible.
R:
Only read is possible.
W:
Only write is possible.
Prohibit RMW:
Prohibit Read Modify Write. (Prohibit RES/SET/TSET/CHG/STCF/ANDCF/ORCF/XORCF instruction.)
Prohibit RMW*: Read-modify-write is prohibited when controlling the PU resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com