Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS40 Datasheet(PDF) 175 Page - Toshiba Semiconductor

Part # TMP93CS40
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS40 Datasheet(HTML) 175 Page - Toshiba Semiconductor

Back Button TMP93CS40 Datasheet HTML 171Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 172Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 173Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 174Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 175Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 176Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 177Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 178Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 179Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 248 page
background image
TMP93CS40/TMP93CS41
2004-02-10
93CS40-173
7
6
5
4
3
2
1
0
Bit symbol
TB8
−
RXE
WU
SM1
SM0
SC1
SC0
Read/Write
R/W
After reset
Undefined
0
0
0
0
0
0
0
Function
Transferred
data bit8
Always
fixed to 0
Receiving
function
0: Receive
disable
1: Receive
enable
Wake-up
function
0: Disable
1: Enable
Serial transmission
mode
00: I/O interface mode
01: 7-bit UART
10: 8-bit UART
11: 9-bit UART
Serial transmission clock
(UART)
00: TO0 trigger
01: Baud rate generator
10: Internal clock φ1
11: Don’t care
Figure 3.11.6 Serial Mode Control Register (Channel 1, SC1MOD)
Serial transmission mode
00
Timer 0 match detect signal
01
Baud rate generator
10
Internal clock
φ1
11
Don’t care
Serial transmission clock source (UART)
Wakeup function
0
Receive disable
1
Receive enable
Receiving control
Transmission data bit8
SC1MOD
(0056H)
Note: Clock selection for the I/O interface mode is
controlled by the serial control register
(SC1CR).
00
I/O interface mode
01
7-bit length
10
8-bit length
11
UART mode
9-bit length
9-bit UART
Other modes
0
Interrupt when
data is received
1
Interrupt only when
RB8
= 1
Don’t care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com