Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS40 Datasheet(PDF) 176 Page - Toshiba Semiconductor

Part # TMP93CS40
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS40 Datasheet(HTML) 176 Page - Toshiba Semiconductor

Back Button TMP93CS40 Datasheet HTML 172Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 173Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 174Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 175Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 176Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 177Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 178Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 179Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 180Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 248 page
background image
TMP93CS40/TMP93CS41
2004-02-10
93CS40-174
7
6
5
4
3
2
1
0
Bit symbol
RB8
EVEN
PE
OERR
PERR
FERR
SCLKS
IOC
Read/Write
R
R/W
R (Cleared to zero when read)
R/W
After reset
Undefined
0
0
0
0
0
0
0
1: Error
Function
Received
data bit8
Parity
0: Odd
1: Even
Parity
addition
0: Disable
1: Enable
Overrun
Parity
Framing
0: SCLK1
1: SCLK1
0: Baud rate
generator
1: SCLK1
pin input
Note: As all error flags are cleared after reading, do not test a single bit only with a bit-testing instruction.
Figure 3.11.7 Serial Control Register (Channel 1, SC1CR)
0
Transmits and receives (
)
data on rising edge of SCLK1
1
Transmits and receives (
)
data on falling edge of SCLK1
Edge selection for SCLK pin (Input mode only)
0
Baud rate generator
1
SCLK1 pin input
Select I/O interface input clock
0
Disable
1
Enable
Enable parity addition
0
Odd parity
1
Even parity
Addition/check of even parity
Framing error flag
Parity error flag
Overrun error flag
Cleared to zero
when read
Receiving data bit8
SC1CR
(0055H)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com