Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS40 Datasheet(PDF) 177 Page - Toshiba Semiconductor

Part # TMP93CS40
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS40 Datasheet(HTML) 177 Page - Toshiba Semiconductor

Back Button TMP93CS40 Datasheet HTML 173Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 174Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 175Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 176Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 177Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 178Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 179Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 180Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 181Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 248 page
background image
TMP93CS40/TMP93CS41
2004-02-10
93CS40-175
7
6
5
4
3
2
1
0
Bit symbol
−
BR1CK1
BR1CK0
BR1S3
BR1S2
BR1S1
BR1S0
Read/Write
R/W
R/W
After reset
0
0
0
0
0
0
0
Function
Always
fixed to 0
00:
φT0
01:
φT2
10:
φT8
11:
φT32
Divided frequency setting
Note 1: To use baud rate generator, set TRUN<PRRUN> to “1”, putting the prescaler in RUN.
Note 2: BR1CR<bit6> is always “1”.
Note 3: Don’t read from or write to BR1CR register during sending or receiving.
Figure 3.11.8 Baud Rate Generator Control Register (Channel 1, BR1CR)
7
6
5
4
3
2
1
0
TB7
TB6
TB5
TB4
TB3
TB2
TB1
TB0
(Transmission)
7
6
5
4
3
2
1
0
RB7
RB6
RB5
RB4
RB3
RB2
RB1
RB0
(Receiving)
Note: Read-modify-write is prohibited for SC1BUF.
Figure 3.11.9 Serial Transmission/Receiving Buffer Registers (Channel 1, SC1BUF)
0000
16 divided
0001
Invalid
0010
to
1111
2 to 15 divisions
Baud rate generator divided frequency setting
00
Internal clock
φT0
01
Internal clock
φT2
10
Internal clock
φT8
11
Internal clock
φT32
Baud rate generator input clock selection
BR1CR
(0057H)
SC1BUF
(0054H)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com