Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC574KX Datasheet(PDF) 114 Page - STMicroelectronics

Part # SPC574KX
Description  32-bit Power Architecture based MCU for automotive applications
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574KX Datasheet(HTML) 114 Page - STMicroelectronics

Back Button SPC574KX Datasheet HTML 110Page - STMicroelectronics SPC574KX Datasheet HTML 111Page - STMicroelectronics SPC574KX Datasheet HTML 112Page - STMicroelectronics SPC574KX Datasheet HTML 113Page - STMicroelectronics SPC574KX Datasheet HTML 114Page - STMicroelectronics SPC574KX Datasheet HTML 115Page - STMicroelectronics SPC574KX Datasheet HTML 116Page - STMicroelectronics SPC574KX Datasheet HTML 117Page - STMicroelectronics SPC574KX Datasheet HTML 118Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 160 page
background image
Electrical characteristics
SPC574Kx
114/160
DocID023601 Rev 6
Figure 43. RMII receive signal timing diagram
3.19.3.3
RMII transmit signal timing (TXD[1:0], TX_EN)
The transmitter functions correctly up to a REF_CLK maximum frequency of 50 MHz + 1%.
There is no minimum frequency requirement. The system clock frequency must be at least
equal to or greater than the TX_CLK frequency, which is half that of the REF_CLK
frequency.
The transmit outputs (TXD[1:0], TX_EN) can be programmed to transition from either the
rising or falling edge of REF_CLK, and the timing is the same in either case. This options
allows the use of non-compliant RMII PHYs.
R1
R2
REF_CLK (input)
RXD[1:0] (inputs)
CRS_DV
R3
R4
Table 61. RMII transmit signal timing(1)(2)
Symbol
C
Characteristic
Value(3)
Unit
Min
Max
R5
CC
D
REF_CLK to TXD[1:0], TX_EN invalid
2
—
ns
R6
CC
D
REF_CLK to TXD[1:0], TX_EN valid
—
16
ns
R7
CC
D
REF_CLK pulse width high
35%
65%
REF_CLK period
R8
CC
D
REF_CLK pulse width low
35%
65%
REF_CLK period
1. RMII timing is valid only up to a maximum of 150 oC junction temperature.
2. CL = 25pF, VDD_HV_IO_FLEX = 3.3V +/- 5% and CMOS levels are required for the REF_CLK input. For CL = 15pF,
VDD_HV_IO_FLEX = 3.3V +/- 10%, CMOS or TTL levels for the REF_CLK input.
3. CL is the external load to the device. The internal package capacitance is accounted for, and does not need to be
subtracted from the 25 pF value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com