Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC574KX Datasheet(PDF) 118 Page - STMicroelectronics

Part # SPC574KX
Description  32-bit Power Architecture based MCU for automotive applications
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574KX Datasheet(HTML) 118 Page - STMicroelectronics

Back Button SPC574KX Datasheet HTML 114Page - STMicroelectronics SPC574KX Datasheet HTML 115Page - STMicroelectronics SPC574KX Datasheet HTML 116Page - STMicroelectronics SPC574KX Datasheet HTML 117Page - STMicroelectronics SPC574KX Datasheet HTML 118Page - STMicroelectronics SPC574KX Datasheet HTML 119Page - STMicroelectronics SPC574KX Datasheet HTML 120Page - STMicroelectronics SPC574KX Datasheet HTML 121Page - STMicroelectronics SPC574KX Datasheet HTML 122Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 160 page
background image
Electrical characteristics
SPC574Kx
118/160
DocID023601 Rev 6
Figure 48. TxD Signal propagation delays
3.19.4.3
RxD
3.19.5
PSI5 timing
The following table describes the PSI5 timing.
dCCTxD10
dCCTxD01
TxD
PE_Clk
*
* FlexRay Protocol Engine Clock
Table 64. RxD input characteristics(1)
Symbol
C
Characteristic
Value
Unit
Min
Max
C_CCRxD
CC
D
Input capacitance on RxD pin
—
7
pF
uCCLogic_1
CC
D
Threshold for detecting logic high
35
70
%
uCCLogic_0
CC
D
Threshold for detecting logic low
30
65
%
dCCRxD01
CC
D
Sum of delay from actual input to the D input of the
first FF, rising edge
—10
ns
dCCRxD10
CC
D
Sum of delay from actual input to the D input of the
first FF, falling edge
—10
ns
dCCRxAsymAccept15
CC
D
Acceptance of asymmetry at receiving CC with
15 pF load
–31.5
44
ns
dCCRxAsymAccept25
CC
D
Acceptance of asymmetry at receiving CC with
25 pF load
–30.5
43
ns
1. FlexRay RxD timing is valid for CMOS input levels, hysteresis disabled, and 4.5 V
≤ VDD_HV_IO ≤ 5.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com