Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC574KX Datasheet(PDF) 130 Page - STMicroelectronics

Part # SPC574KX
Description  32-bit Power Architecture based MCU for automotive applications
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574KX Datasheet(HTML) 130 Page - STMicroelectronics

Back Button SPC574KX Datasheet HTML 126Page - STMicroelectronics SPC574KX Datasheet HTML 127Page - STMicroelectronics SPC574KX Datasheet HTML 128Page - STMicroelectronics SPC574KX Datasheet HTML 129Page - STMicroelectronics SPC574KX Datasheet HTML 130Page - STMicroelectronics SPC574KX Datasheet HTML 131Page - STMicroelectronics SPC574KX Datasheet HTML 132Page - STMicroelectronics SPC574KX Datasheet HTML 133Page - STMicroelectronics SPC574KX Datasheet HTML 134Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 160 page
background image
Package characteristics
SPC574Kx
130/160
DocID023601 Rev 6
Figure 57. FusionQuad® QFP216 package mechanical drawing (2 of 2)
3
2
A
A1
A2
D
D1
D2
D3
E
E1
E2
E3
E4
L
N
e
b
c.c.c
d.d.d
MECHANICAL OUTLINE ASSEMBLY
ALL DIMENSIONING AND TOLERANCING CONFORM
DATUM PLANE H LOCATED AT MOLD PARTING LINE
TO BE DETERMINED AT SEATING PLANE C.
DIMENSIONS D1 AND E1 DO NOT INCLUDE MOLD
PROTRUSION. ALLOWABLE MOLD PROTRUSION IS
NOTES:
1.
4
5
AND COINCIDENT WITH LEAD, WHERE LEAD EXITS
DATUMS A–B AND D TO BE DETERMINED AT
CENTERLINE BETWEEN LEADS WHERE LEADS EXIT
0.254 MM ON D1 AND E1 DIMENSIONS.
‘N’ IS THE NUMBER OF TERMINALS FOR PERIPHERAL
LEADS, AND ‘M’ IS THE NUMBER OF TERMINALS FOR
6.
BOTTOM LANDS ON BOTTOM SURFACE OF PACKAGE
BODY. THE BOTTOM LANDS ARE IDENTIFIED BY
ALPHANUMERICS | A1~A#.
THESE DIMENSIONS TO BE DETERMINED AT DATUM
PLANE H.
7
THE TOP OF PACKAGE MAY BE SMALLER THAN THE
BOTTOM OF PACKAGE BY 0.15 MM.
8.
DIMENSION b DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR PROTRUSION
9
CONTROLLING DIMENSION | MILLIMETERS.
10.
TO ANSI Y14.5-1982.
PLASTIC BODY AT BOTTOM OF PARTING LINE.
PLASTIC BODY AT DATUM PLANE H.
SHALL BE 0.08 MM TOTAL IN EXCESS OF THE b
DIMENSION AT MAXIMUM MATERIAL CONDITION.
DAMBAR CANNOT BE LOCATED ON THE LOWER
RADIUS OR THE FOOT.
MAXIMUM ALLOWABLE DIE THICKNESS TO BE
ASSEMBLED IN THIS PACKAGE FAMILY IS 0.38 MM.
11.
A1 IS DEFINED AS THE DISTANCE FROM THE
SEATING PLANE TO THE LOWEST POINT OF THE
12
PACKAGE BODY.
DIMENSIONS D2 AND E2 REPRESENT THE SIZE OF
THE EXPOSED PAD. THE ACTUAL DIMENSIONS ARE
13.
DETERMINED BY EACH INDIVIDUAL LEADFRAME
DRAWING. THE EXPOSED PAD SIZE TOLERANCE IS
0.10 MAX.
EXPOSED PAD SHALL BE COPLANAR WITH BOTTOM
OF PACKAGE WITHIN 0.05 MM.
14.
UNILATERAL COPLANARITY ZONE APPLIES TO THE
EXPOSED PAD AS WELL AS THE TERMINALS.
15.
MECHANICAL CONNECT TABS ARE COUNTED FOR
GROUND (VSS) SIGNAL PINS. THOSE ARE INCLUDED
16.
INTO PACKAGE TOTAL PIN COUNTS.
THESE DIMENSIONS APPLY TO THE FLAT SECTION
OF THE LEAD BETWEEN 0.10 MM AND 0.25 MM FROM
THE LEAD TIP.
SYMBOL
MIN
NOM
MAX
NOTE
FUSION
VARIATIONS
—
—
1.20
0.00
0.051
0.10
0.95
1.00
1.05
26.00 BSC
4
24.00 BSC
5
17.50 BSC
9.58
9.68
9.78
26.00 BSC
4
24.00 BSC
5
21.00 BSC
9.50
11.20 REF
0.45
0.60
0.75
176
6
0.50 BSC
0.17
0.22
0.27
0.08
0.08
9.40
9.60
SYMBOL
MIN
NOM
MAX
NOTE
FUSION
PITCH VARIATIONS
0.50 BSC
eT
40
M
La
f
999
0.30
0.40
0.50
0.17
0.22
0.27
—
0.08
—
6
17
THESE DIMENSIONS APPLY TO ALL 4 SYMMETRIC
LOCATIONS.
18
ALL DIMENSIONS IN MILLIMETERS
THE FusionQuad PACKAGE IS A REGISTERED
TRADEMARK OF AMKOR TECHNOLOGIES.
THE FusionQuad PACKAGE IS ASSEMBLED
BY AMKOR TECHNOLOGIES.
0.39 BSC
eC
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com