Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC574KX Datasheet(PDF) 131 Page - STMicroelectronics

Part # SPC574KX
Description  32-bit Power Architecture based MCU for automotive applications
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574KX Datasheet(HTML) 131 Page - STMicroelectronics

Back Button SPC574KX Datasheet HTML 127Page - STMicroelectronics SPC574KX Datasheet HTML 128Page - STMicroelectronics SPC574KX Datasheet HTML 129Page - STMicroelectronics SPC574KX Datasheet HTML 130Page - STMicroelectronics SPC574KX Datasheet HTML 131Page - STMicroelectronics SPC574KX Datasheet HTML 132Page - STMicroelectronics SPC574KX Datasheet HTML 133Page - STMicroelectronics SPC574KX Datasheet HTML 134Page - STMicroelectronics SPC574KX Datasheet HTML 135Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 160 page
background image
DocID023601 Rev 6
131/160
SPC574Kx
Package characteristics
159
4.5
Thermal characteristics
The following tables describe the thermal characteristics of the device.
Table 71. Thermal characteristics for eTQFP144(1)
Symbol
C
Parameter
Conditions
Value
Unit
Min Max
RθJA
CC D Junction-to-ambient, natural convection(2)
Four layer board—2s2p
26
29
°C/W
RθJMA
CC D Junction-to-moving-air, ambient(2)
At 200 ft./min., four layer
board—2s2p
19
23
°C/W
RθJB
CC D Junction-to-board(3)
—12
16
°C/W
RθJCtop
CC D Junction-to-case top(4)
—10
13
°C/W
RθJCbottom CC D Junction-to-case bottom
(5)
—1.5
4
°C/W
ΨJT
CC D Junction-to-package top(6)
Natural convection
3
5
°C/W
Pd
CC D Device power dissipation
Maximum power and
voltage condition
—2
W
1. The lower number in the ranges specified in the ‘Value’ column are based on simulation; actual data may vary in the given
range. The specified characteristics are subject to change per final device design and characterization. Junction
temperature is a function of die size, on-chip power dissipation, package thermal resistance, mounting site (board)
temperature, ambient temperature, air flow, power dissipation of other components on the board, and board thermal
resistance.
2. Per JEDEC JESD51-6 with the board (JESD51-7) horizontal.
3. Thermal resistance between the die and the printed circuit board per JEDEC JESD51-8. Board temperature is measured
on the top surface of the board near the package.
4. Thermal resistance between the die and the case top surface as measured by the cold plate method (MIL SPEC-883
Method 1012.1).
5. Thermal resistance between the die and the solder pad on the bottom of the package based on simulation without any
interface resistance.
6. Thermal characterization parameter indicating the temperature difference between package top and the junction
temperature per JEDEC JESD51-2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com