Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC574KX Datasheet(PDF) 135 Page - STMicroelectronics

Part # SPC574KX
Description  32-bit Power Architecture based MCU for automotive applications
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574KX Datasheet(HTML) 135 Page - STMicroelectronics

Back Button SPC574KX Datasheet HTML 131Page - STMicroelectronics SPC574KX Datasheet HTML 132Page - STMicroelectronics SPC574KX Datasheet HTML 133Page - STMicroelectronics SPC574KX Datasheet HTML 134Page - STMicroelectronics SPC574KX Datasheet HTML 135Page - STMicroelectronics SPC574KX Datasheet HTML 136Page - STMicroelectronics SPC574KX Datasheet HTML 137Page - STMicroelectronics SPC574KX Datasheet HTML 138Page - STMicroelectronics SPC574KX Datasheet HTML 139Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 160 page
background image
DocID023601 Rev 6
135/160
SPC574Kx
Ordering information
159
5
Ordering information
Figure 58. Product code structure
1. Order on 2M-Byte part numbers can be entered upon ST’s acceptance conditioned by volumes. Please
contact your ST sales office to ask for the availability of a particular commercial product.
2. Features (e.g. flash, RAM or peripherals) not included in the commercial product cannot be used. ST cannot
be called to take any liability for features used outside the commercial product.
Memory
Core Product
Package
72
4K
E5
Example code:
Product identifier
C
6
Frequency
SPC57
F
Custom
vers.
Temperature
A
Reserved
R
Packing
Y= Tray
R = Tape and Reel
0 = No Options
1 = Up to ASIL-D SEooC
8 = add. computing e200z2 core with DSP
F = All Options
6= 160MHz
C = 125 ºC Ta
E5 = eTQFP144
E7 = eLQFP176
70 = 2 MB
72 = 2.5 MB
K = SPC574Kx family
4 = Single computing e200z4 core
SPC57 = Power Architecture in 55 nm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com