Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC574KX Datasheet(PDF) 137 Page - STMicroelectronics

Part # SPC574KX
Description  32-bit Power Architecture based MCU for automotive applications
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574KX Datasheet(HTML) 137 Page - STMicroelectronics

Back Button SPC574KX Datasheet HTML 133Page - STMicroelectronics SPC574KX Datasheet HTML 134Page - STMicroelectronics SPC574KX Datasheet HTML 135Page - STMicroelectronics SPC574KX Datasheet HTML 136Page - STMicroelectronics SPC574KX Datasheet HTML 137Page - STMicroelectronics SPC574KX Datasheet HTML 138Page - STMicroelectronics SPC574KX Datasheet HTML 139Page - STMicroelectronics SPC574KX Datasheet HTML 140Page - STMicroelectronics SPC574KX Datasheet HTML 141Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 160 page
background image
DocID023601 Rev 6
137/160
SPC574Kx
Revision history
159
2
(cont’d)
30 Aug 2012 Table 15 (Unbiased temperature profile – Packaged parts): replaced instance of “–40 to –
60 °C” with “–40 to 60 °C”
Updated Table 12 (Device operating conditions)
Updated Table 16 (DC electrical specifications):
– Updated the max values
– Added condition values in IDDAPP row
– Added second condition in TJ < 165 oC to IDDAPP row
– Removed IINACT_D and TA (TL to TH) rows
Revised Section 3.9, I/O pad specification
Updated Section 3.9.1, I/O input DC characteristics
Table 18 (I/O input DC electrical characteristics):
– Added cross reference for SENT requirement to note 5
– Footnote moved to header of “INPUT CHARACTERISTICS” section: “For LFAST,
microsecond bus and LVDS input characteristics, refer to dedicated communication
module chapters.“
Updated Section 3.9.2, I/O output DC characteristics
Added Section 3.10, I/O pad current specification
Table 19 (I/O pull-up/pull-down DC electrical characteristics):
– |IWPU| parameter description changed: “Weak pull-up/down current absolute value”
(was “Weak pull-up current absolute value”)
– |IWPU| specification condition changed: VDD_POR <VDD_HV_IO < 3.0 V (was
VDD_POR <VDD < 3.0 V)
Table 21 (MEDIUM configuration output buffer electrical characteristics)
– New specification: IDCMAX_M (Maximum DC current)
Table 20 (WEAK configuration output buffer electrical characteristics)
– New specification: IDCMAX_W (Maximum DC current)
Updated Table 22 (STRONG configuration output buffer electrical characteristics)
Updated Table 23 (VERY STRONG configuration output buffer electrical characteristics)
Updated Section 3.11, Reset pad (PORST, ESR0) electrical characteristics:
– replaced instance of “bidirectional RESET pin” with “bidirectional reset pin (PORST)”
– inserted note “PORST pin does not require active control. It is possible to implement an
external pull-up to ensure correct reset exit sequence. Recommended value is
4.7 kohm”
– replaced instances of “PORST” with “PORST” (overlined)
– replaced instances of “VDDPOR” with “VDD_POR”
Table 25 (Reset electrical characteristics):
– New specification: WFNMI (ESR1 input filtered pulse)
– WNFNMI (ESR1 input not filtered pulse)
– |IWPU| and |IWPD| parameter rows moved to rows following IOL_R
Table 26 (PLL0 electrical characteristics):
– Note added to
|ΔPLL0PHI1SPJIT| row
– Updated “conditions” in rows
|ΔPLL0PHI0SPJIT|, |ΔPLL0PHI1SPJIT|, and |ΔPLL0LTJIT|
Figure 3.12 (Oscillator and FMPLL):
– Clarification: VESR0 is also described by VPORST behavior shown in illustration.
Table 27 (PLL1 electrical characteristics): modified title (was “FMPLL1 electrical
characteristics”)
–
ΔTUE12 (TUE degradation due to VDD_HV_ADR offset with respect to VDD_HV_ADV)
(VIN <VDD_HV_ADV; VDD_HV_ADR − VDD_HV_ADV ∈ [0:25 mV]): Max value changed to
±0.0 (was ±1.0)
– TUE12 (Total unadjusted error in 12-bit configuration): Footnote added to “P” parameter
(TJ < 150 °C; VDD_HV_ADV >4V; VDD_HV_ADR_S > 4 V): values are subject to change
after characterization
– Replaced the characteristics value from “P” to “T” for tPLL1JIT row
Table 74. Revision history(Continued)
Revision
Date
Description of changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com