Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC574KX Datasheet(PDF) 139 Page - STMicroelectronics

Part # SPC574KX
Description  32-bit Power Architecture based MCU for automotive applications
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574KX Datasheet(HTML) 139 Page - STMicroelectronics

Back Button SPC574KX Datasheet HTML 135Page - STMicroelectronics SPC574KX Datasheet HTML 136Page - STMicroelectronics SPC574KX Datasheet HTML 137Page - STMicroelectronics SPC574KX Datasheet HTML 138Page - STMicroelectronics SPC574KX Datasheet HTML 139Page - STMicroelectronics SPC574KX Datasheet HTML 140Page - STMicroelectronics SPC574KX Datasheet HTML 141Page - STMicroelectronics SPC574KX Datasheet HTML 142Page - STMicroelectronics SPC574KX Datasheet HTML 143Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 160 page
background image
DocID023601 Rev 6
139/160
SPC574Kx
Revision history
159
2
(cont’d)
30 Aug 2012 Updated Table 49 (Nexus debug port timing)
Table 50 (Aurora LVDS interface timing specifications):
– Specification change: Data rate Typ is undefined (was 1200)
– Specification change: Data rate max is 1250 Mbps (was Typ + 0.1%)
Table 51 (Aurora debug port timing):
– Specification change: tREFCLK (Reference clock frequency) max value is 1250 MHz
(was 1200)
– Specification change: OUI (Aurora lane unit interval) is now specified by data rate
– Characteristic vs. Requirement change: JD (Transmit lane deterministic jitter) is “SR”
(was “CC”)
– Characteristic vs. Requirement change: JT (Transmit lane total jitter) is “SR” (was “CC”)
Table 57 (DSPI CMOS master timing – output only – timed serial bus mode TSB = 1 or
ITSB = 1, CPOL = 0 or 1, continuous SCK clock): added “SOUT and SCK drive
strength” to condition for tSUO
Table 59 (RMII serial management channel timing):
– Column added: SR/CC (system requirement or controller characteristic)
– Column added: Classification (parameters are guaranteed by design)
Table 62 (TxEN output characteristics):
– Column added: SR/CC (system requirement or controller characteristic)
– Column added: Classification (parameters are guaranteed by design)
Updated Table 63 (TxD output characteristics)
Updated Table 64 (RxD input characteristics)
Table 66 (MII receive signal timing):
– Column added: SR/CC (system requirement or controller characteristic)
– Column added: Classification (parameters are guaranteed by design)
Table 67 (MII transmit signal timing):
– Column added: SR/CC (system requirement or controller characteristic)
– Column added: Classification (parameters are guaranteed by design)
– Output parameter footnote changed to, “Output parameters are valid for CL = 25 pF,
where CL is the external load to the device. The internal package capacitance is
accounted for, and does not need to be subtracted from the 25 pF value” (Previously,
footnote stated CL included typical max internal capacitance of 2 pF)
Table 68 (MII async inputs signal timing):
– Column added: SR/CC (system requirement or controller characteristic)
– Column added: Classification (parameters are guaranteed by design)
Table 69 (MII serial management channel timing):
– Column added: SR/CC (system requirement or controller characteristic)
– Column added: Classification (parameters are guaranteed by design)
Added Section 3.20.4, UART timing
Section 4, Package characteristics: inserted Section 4.5, Thermal characteristics (was
previously in Section 3, Electrical characteristics)
Updated “conditions” in rows
|ΔPLL0PHI0SPJIT|, |ΔPLL0PHI1SPJIT|, and |ΔPLL0LTJIT|
Updated Section 4.2, 144 LQFP-EPeTQFP144 case drawing
Updated Section 4.3, 176 LQFP-EPeLQFP176 case drawing
Updated Section 4.4, FusionQuad® case drawing
Added Section 6, Revision history
Table 74. Revision history(Continued)
Revision
Date
Description of changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com