Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC574KX Datasheet(PDF) 142 Page - STMicroelectronics

Part # SPC574KX
Description  32-bit Power Architecture based MCU for automotive applications
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574KX Datasheet(HTML) 142 Page - STMicroelectronics

Back Button SPC574KX Datasheet HTML 138Page - STMicroelectronics SPC574KX Datasheet HTML 139Page - STMicroelectronics SPC574KX Datasheet HTML 140Page - STMicroelectronics SPC574KX Datasheet HTML 141Page - STMicroelectronics SPC574KX Datasheet HTML 142Page - STMicroelectronics SPC574KX Datasheet HTML 143Page - STMicroelectronics SPC574KX Datasheet HTML 144Page - STMicroelectronics SPC574KX Datasheet HTML 145Page - STMicroelectronics SPC574KX Datasheet HTML 146Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 160 page
background image
Revision history
SPC574Kx
142/160
DocID023601 Rev 6
3
(cont’d)
31 Jan 2014 Table 16 (DC electrical specifications):
– In row IDDAPP Condition fSYS changed to 160 MHz, Condition TJ changed to 144 °C,
Max Value changed to 260.
– Footnote fMAX as specified...application specific pattern changed to application with
maximum consumption...
– Footnote fMAX as specified...with active flash... changed to Application with maximum
consumption...with active flash...
– Parameter classification of “IDDPE” changed to “C”.
– Parameter classification of “ISPIKE” changed to “T”.
– Parameter classification of “dl” changed to “T”.
– Parameter classification of “ISR” changed to “D”.
– 3 new parameters “IDD_MAIN_CORE_AC”, “IDD_CHKR_CORE_AC” and “IDD_HV_IO_BD”
added.
– Parameter “IDD_BD” updated to “IDD_LV_BD”. Also modified Parameter description,
added new condition “TJ = 150/165 C” and value.
– Added note “Moving window, measured on application specific pattern” to “ISPIKE”.
– Description of parameter “ISR” modified from “Current variation during power up/down”
to “Current variation during boot/shut-down”.
– Added note “Current variation is considered during boot or during shut-down sequence.
– Progressive clock switching should be use to guarantee low current variation. This does
not include current requested for the loading of the capacitances on the VDD_LV
domain. Please refer to Power management section, Iclamp specification” to the max
value of ISR.
– Moved IDD_HV_IO_BD before IDD_LV_BD
– Updated the parameter, conditions column of IDDAR and replaced the max value “10”
with “30”
– Added IDDOFF, VREF_BG_T, VREF_BG_TC, and VREF_BG_LR
– Updated Table footnote 4 and 8
Section 3.17.2, Main voltage regulator electrical characteristics: Updated the section
Table 18 (I/O input DC electrical characteristics):
– VIHTTL condition is 4.5 V < VDD_HV_IO <5.5 V
– VILTTL condition is 4.5 V < VDD_HV_IO <5.5 V
– VHYSTTL condition is 4.5 V < VDD_HV_IO <5.5 V
– VIHCMOS_H condition is 2.7 V < VDD_HV_IO < 3.0 V and 4.0 V < VDD_HV_IO <4.5 V
– VIHCMOS condition is 2.7 V < VDD_HV_IO <3.0 V and 4.0V<VDD_HV_IO <4.5 V
– VILCMOS_H condition is 2.7 V < VDD_HV_IO < 3.0 V and 4.0 V < VDD_HV_IO <4.5 V
– VILCMOS condition is 2.7 V < VDD_HV_IO < 3.0 V and 4.0 V < VDD_HV_IO <4.5 V
– VHYSCMOS condition is 2.7 V < VDD_HV_IO < 3.0 V and 4.0 V < VDD_HV_IO <4.5 V
– Updated the conditions and values for parameter ILKG
– The conditions “3.0 V < VDD_HV_IO < 3.6 V and 4.5 V < VDD_HV_IO < 5.5 V” split into 2
rows for the parameters VIHCMOS_H, VIHCMOS, VILCMOS_H, VILCMOS and VHYSCMOS.
– Added reference of Note 6 to VIHTTL, VILTTL, and VHYSTTL.
– VDDE replaced by VDD_HV_IO.
– VDRFTAUT specification, conditions column, added “4.5 V < VDD_HV_IO < 5.5 V”.
– VDRFTCMOS specification, added 3.0 V < VDD_HV_IO < 3.6 V and 4.5 V < VDD_HV_IO< 5.5 V
conditions.
– ILKG_EBI specification: changed “2.5 uA” Max value to “1 uA” and added condition
“0.1*VDD_HV<Vin<0.9*VDD_HV,Tj < 150 °C, 4.5V<VDD_HV<5.5V'. Added second
ILKG_EBI spec with conditions: "Tj < 150 °C, 4.5V < VDD_HV < 5.5V' and Parameter
“Digital input leakage for EBI pad, Vin = 10%/90%.” Value is max 1.5 uA
– Replaced “C” with “P” for ILKG
Table 74. Revision history(Continued)
Revision
Date
Description of changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com