Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC574KX Datasheet(PDF) 144 Page - STMicroelectronics

Part # SPC574KX
Description  32-bit Power Architecture based MCU for automotive applications
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574KX Datasheet(HTML) 144 Page - STMicroelectronics

Back Button SPC574KX Datasheet HTML 140Page - STMicroelectronics SPC574KX Datasheet HTML 141Page - STMicroelectronics SPC574KX Datasheet HTML 142Page - STMicroelectronics SPC574KX Datasheet HTML 143Page - STMicroelectronics SPC574KX Datasheet HTML 144Page - STMicroelectronics SPC574KX Datasheet HTML 145Page - STMicroelectronics SPC574KX Datasheet HTML 146Page - STMicroelectronics SPC574KX Datasheet HTML 147Page - STMicroelectronics SPC574KX Datasheet HTML 148Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 160 page
background image
Revision history
SPC574Kx
144/160
DocID023601 Rev 6
3
(cont’d)
31 Jan 2014 – Removed the parameter IDCMAX_V from the table.
– Added new parameter “Propagation delay”.
– Updated the rows pertaining to ROH_V, ROL_V, fMAX_V, tTR_V, tTR20-80, ΣtTR20-80, and
|tSKEW_V|
Section 3.10, I/O pad current specification:
– In Note: In order to ensure...remain below 10%. changed to ...below 50%
– Changed the first note: from “In order to ensure correct functionality for SENT, the sum
of all pad usage ratio within the SENT segment should remain below 50%.” to “In order
to maintain the required input thresholds for the SENT interface, the sum of all I/O pad
output percent IR drop as defined in the I/O Signal Description table, must be below
100%. See the I/O Signal Description attachment.”
– In second note, changed must be below “100%” to must be below “50 %.
Table 24 (I/O consumption):
– Removed footnote: Data based on simulation results...
– Removed all VSIO conditions (VSIO[VSIO_xx] = 1 and VSIO[VSIO_xx] = 0) from
conditions column and added footnote to I/O consumption table title: “I/O current
consumption specifications for the 4.5 V <= VDD_HV_IO <= 5.5 V range are valid for
VSIO_[VSIO_xx] = 1, and VSIO[VSIO_xx] = 0 for 3.0 V <= VDD_HV_IO <= 3.6 V.
Table 25 (Reset electrical characteristics):
– Parameter classification of “VDD_POR “ changed from “C” to “D”
– |IWPU| parameter, changed Min value from “25” to “23” and Max value from “100” to “82”
uA.
– |IWPD| parameter, changed Min value from “25” to “40” and Max value from “100” to
“130” uA.
– New “conditions” added for parameters “|IWPU|” and “|IWPD|”.
Removed “Device under power-on reset 3.0 V < VDD_HV_IO < 5.5 V,
VOL > 0.9 V” under IOL_R
Table 26 (PLL0 electrical characteristics):
– Added rows fPLL0PHI and fPLL0PHI0
– In footnote: PLL0IN clock retrieved... the second sentence now reads Input
characteristics are granted when using XOSC.
– Parameter “tPLL0LOCK” max value changed from “100-110” to “110”.
Table 27 (PLL1 electrical characteristics):
– Changed fPLL1PHI Max Value to 160
Table 28 (External Oscillator electrical specifications):
– Removed “(External Reference)” from parameter column of VILEXT and added notes “This
parameter is guaranteed by design rather than 100% tested” and “Applies to an external clock input and not to
crystal mode”
– Removed notes “CS_EXTAL/CS_XTAL have typical values of 7.5 pF in the QFP packages
of the device” and “CS_EXTAL/CS_XTAL have typical values of 6.0 pF for bare die devices”
– Updated the mIn and max values of QFP and Bare Die and removed notes from them
under CS_EXTAL and CS_XTAL
– Updated the min and max values of VHYS and max values of IXTAL
– Replaced “TJ = 150 °C” with “TJ = -40 °C to 150 °C” and replaced “TJ = 165 °C” with
“TJ = -40 °C to 165 °C” for gm
– Added row VEXTAL
Table 74. Revision history(Continued)
Revision
Date
Description of changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com