Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC574KX Datasheet(PDF) 143 Page - STMicroelectronics

Part # SPC574KX
Description  32-bit Power Architecture based MCU for automotive applications
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574KX Datasheet(HTML) 143 Page - STMicroelectronics

Back Button SPC574KX Datasheet HTML 139Page - STMicroelectronics SPC574KX Datasheet HTML 140Page - STMicroelectronics SPC574KX Datasheet HTML 141Page - STMicroelectronics SPC574KX Datasheet HTML 142Page - STMicroelectronics SPC574KX Datasheet HTML 143Page - STMicroelectronics SPC574KX Datasheet HTML 144Page - STMicroelectronics SPC574KX Datasheet HTML 145Page - STMicroelectronics SPC574KX Datasheet HTML 146Page - STMicroelectronics SPC574KX Datasheet HTML 147Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 160 page
background image
DocID023601 Rev 6
143/160
SPC574Kx
Revision history
159
3
(cont’d)
31 Jan 2014 Table 19 (I/O pull-up/pull-down DC electrical characteristics):
– |IWPU| Parameter is Weak pull-up current absolute value
– |IWPU| (P) condition is VIN <VIH = 0.69*VDD_HV_IO, 4.5 V < VDD_HV_IO <5.5 V
– |IWPU| (P) min is 23 µA, max is —
– Removed: |IWPU| (T) at VIN =0V, 3.0V<VDD_HV_IO <4.0 V
– Added: |IWPU| (T) at VIN >VIL = 0.49*VDDE, 4.5 V < VDD <5.5 V
– Added: |IWPU| (T) at VIN >VIL =1.1 V(TTL), 4.5V<VDD <5.5 V
– Added: RWPU (Weak pull-up resistance)
– |IWPD| (P) condition is VIN >VIH = 0.69*VDDE, 4.5 V < VDD <5.5 V
– |IWPD| (P) min. is —, max is 130 µA
– Removed: |IWPD| (T) at VIN =VDD_HV_IO, 3.0 V < VDD_HV_IO <4.0 V
– Added: |IWPD| (T) at VIN <VIL = 0.49*VDDE, 4.5 V < VDD <5.5 V
– Added: |IWPD| (T) at VIN <VIL =0.9 V(TTL), 4.5V<VDD <5.5 V
– Added: RWPD (Weak pull-down resistance)
– Replaced “VIN >VIH” with “VIN <VIH” and “VIN <VIH” with “VIN >VIH” in the first two rows of
|IWPD|
– Replaced VDD with VDD_HV_IO in the conditions column of IWPU and IWPD
Section 3.9.2, I/O output DC characteristics:
– Removed references to EBI in document.
Table 20 (WEAK configuration output buffer electrical characteristics):
– Added footnote All VDD_HV_IO conditions for 4.5V to 5.9V...
– Added footnote Only for VDD_HV_IO_JTAG segment...
– Added new parameter “Propagation delay”.
Table 21 (MEDIUM configuration output buffer electrical characteristics):
– ROH_M condition is 4.5 V < VDD_HV_IO < 5.9 V, Push pull, IOH <2mA
– ROL_M condition is 4.5 V < VDD_HV_IO < 5.9 V, Push pull, IOH <2mA
– tTR_M condition is CL =25pF, 4.5V<VDD_HV_IO <5.9 V
– tTR_M condition is CL =50pF, 4.5V<VDD_HV_IO <5.9 V
– tTR_M condition is CL = 200 pF, 4.5 V < VDD_HV_IO <5.9 V
– Added footnotes: All VDD_HV_IO... and Only for VDD_HV_IO_JTAG...
– Added new parameter “Propagation delay”.
Table 22 (STRONG configuration output buffer electrical characteristics):
– ROH_S condition is 4.5 V < VDD_HV_IO < 5.9 V, Push pull, IOH <8mA;
– ROL_S condition is 4.5 V < VDD_HV_IO <5.9 V, Push pull
– IOH <8mA; tTR_S condition changed to CL =50pF, 4.5V<VDD_HV_IO <5.9 V
– tTR_S condition changed to CL = 200 pF, 4.5 V < VDD_HV_IO <5.9 V
– tTR_S condition CL =25pF, 4.0V<VDD_HV_IO < 5.9 V changed to CL =50pF,
4.5 V < VDD_HV_IO <5.9 V
– Added footnotes: All VDD_HV_IO conditions for 4.5V to 5.9V... and Only for
VDD_HV_IO_JTAG segment...
– Added new parameter “Propagation delay”
Table 23 (VERY STRONG configuration output buffer electrical characteristics):
– In rows ROH_V and ROL_V: Conditions for C Parameter changed to VSIO[VSIO_xx] = 1,
Push pull, IOH < 7 mA, Value Min is 30, TYP is 50, Max is 75.
– In row fSYS: Conditions for C Parameter changed to VSIO[VSIO_xx] = 1, CL = 15 pF
– Added footnote: All VDD_HV_IO conditions for 4.5V to 5.9V...
Table 74. Revision history(Continued)
Revision
Date
Description of changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com