Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC574KX Datasheet(PDF) 140 Page - STMicroelectronics

Part # SPC574KX
Description  32-bit Power Architecture based MCU for automotive applications
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574KX Datasheet(HTML) 140 Page - STMicroelectronics

Back Button SPC574KX Datasheet HTML 136Page - STMicroelectronics SPC574KX Datasheet HTML 137Page - STMicroelectronics SPC574KX Datasheet HTML 138Page - STMicroelectronics SPC574KX Datasheet HTML 139Page - STMicroelectronics SPC574KX Datasheet HTML 140Page - STMicroelectronics SPC574KX Datasheet HTML 141Page - STMicroelectronics SPC574KX Datasheet HTML 142Page - STMicroelectronics SPC574KX Datasheet HTML 143Page - STMicroelectronics SPC574KX Datasheet HTML 144Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 160 page
background image
Revision history
SPC574Kx
140/160
DocID023601 Rev 6
3
31 Jan 2014 Table 2 (MPC5744K/SPC574Kx device feature summary):
– MCAN is updated to M_CAN
– TTCAN is updated to M_TTCAN
– SIPI / LFAST interprocessor bus is updated to Zipwire (SIPI/LFAST) interprocessor bus.
– Instances of ADC (SD) changed from 3 to 2
– removed row PSI5-S
– removed footnote The main computational shell...
– Replaced “4
× 256 bit” with “2 × 4 × 256-bit” for Flash memory fetch accelerator
Figure 1 (Block diagram):
– AIPS Bridge is updated to Peripheral Bridge
– LFAST & SIPI is updated to Zipwire LFAST & SIPI.
– DMACHMUX updated to read DMAMUX
– changed LFAST & SIPI module name to Zipwire LFAST & SIPI
– improved figure quality; changed “PBRIDGE_0” and “PBRIDGE_1” to “PBRIDGE_A”
and “PBRIDGE_B” respectively
Figure 2 (Periphery allocation):
– PLL_DIG is updated to PLLDIG
– OSC is updated to XOSC
– RCOSC is updated to IRCOSC
– Replaced single block DMAMUX with blocks DMACHMUX_0 to DMACHMUX_3
– SENT SRX_0 is updated to SRX_0
– SENT SRX_1 is updated to SRX_1
– Removed PSI5_S block from peripheral cluster B
– Removed the instance of SD ADC_2
– Updated DMACHMUX_0, DMACHMUX_1, DMACHMUX_2, and DMACHMUX_3 to
DMAMUX_0, DMAMUX_1, DMAMUX_2, and DMAMUX_3 respectively.
– changed “PBRIDGE_0” to “PBRIDGE_A”
– changed “PBRIDGE_1” to “PBRIDGE_B”
– changed Successive Approximation Register Analog-to-Digital Converter instances
from “SAR ADCx” to “SARADCx”.
Figure 3 (144-pin QFP and 172-pin FQ configuration (top view)):
– Pin A18 is now LVDS Test In+.
– Pin A19 is now LVDS Test In–.
– Pin 133 is now PC[15].
– Reworded note 2.
– Replaced “eLQFP144” with “eLQFP144” (ST_Specific)
Figure 4 (176-pin QFP and 216-pin FQ configuration (top view)):
– Pin A27 is now LVDS Test In+.
– Pin A28 is now LVDS Test In–.
– Reworded note 2.
Section 1.5, Feature overview:
– Updated text “3 separate 16-bit Sigma-Delta analog converters” to read “2 separate 16-
bit Sigma-Delta analog converters”
– Replaced “2 main CPUs” to “One main processor core and one checker core”
Table 5 (LVDSF pin descriptions):
– Replaced all instances of “N.C” with “—”
– Removed table footnote
Table 74. Revision history(Continued)
Revision
Date
Description of changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com