Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC574KX Datasheet(PDF) 141 Page - STMicroelectronics

Part # SPC574KX
Description  32-bit Power Architecture based MCU for automotive applications
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574KX Datasheet(HTML) 141 Page - STMicroelectronics

Back Button SPC574KX Datasheet HTML 137Page - STMicroelectronics SPC574KX Datasheet HTML 138Page - STMicroelectronics SPC574KX Datasheet HTML 139Page - STMicroelectronics SPC574KX Datasheet HTML 140Page - STMicroelectronics SPC574KX Datasheet HTML 141Page - STMicroelectronics SPC574KX Datasheet HTML 142Page - STMicroelectronics SPC574KX Datasheet HTML 143Page - STMicroelectronics SPC574KX Datasheet HTML 144Page - STMicroelectronics SPC574KX Datasheet HTML 145Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 160 page
background image
DocID023601 Rev 6
141/160
SPC574Kx
Revision history
159
3
(cont’d)
31 Jan 2014 Table 6 (Absolute maximum ratings):
– Parameter classification for Cycle is now “T”
– In footnote: 1.32 – 1.375 V range allowed periodically... changed 1.275 V to 1.288 V
– Added “VDD_HV_IO_BD”
– Removed “VDD_HV_IO_JTAG”
– Removed TJ
– Removed table footnote “Three Screen done, 1 minute each. No change in device
parameters during characterization of at least 10 devices at 30 minutes exposure of 150
KeV at maximum 5 mm” from tXRAY
– Added VDD_HV_ADV to VIN
– Added footnotes “VDD_HV_IO/VSS_HV_IO refers to supply pins and corresponding
grounds: VDD_HV_IO_MAIN, VDD_HV_IO_FLEX, VDD_HV_IO_JTAG, VDD_HV_OSC,
VDD_HV_FLA” and “Relative value can be exceeded if design measures are taken to
ensure injection current limitation (parameters IINJD and IINJA)” to “Relative to
VSS_HV_IO” and “Relative to VDD_HV_IO” in VIN
Table 8 (Radiated emissions testing specification,): Splited “BISS radiated emissions
limit” column into four rows to have clear figures for each function
Table 10 (RF immunity—Direct Power Injection (DPI) test specifications): Changed the
location of the table and placed it above Section 3.6, Operating conditions
Table 11 (ESD ratings):
– Classification parameter for ESD for Human Body Model is now T
Table 12 (Device operating conditions):
– In row VDD_HV_ADV Low Voltage Detector symbol changed to LVD295
– VDDSTBY added new footnote: The VDDSTBY pin should be connected to ground or an
HV I/O supply in the application when the standby RAM feature is not used. When
connected to an HV I/O supply, there will be leakage on the VDDSTBY pin, which is
given in the DC electrical specifications.
– Changed VRAMP to VRAMP_LV, changed parameter to 'slew rate on core power supply
pins.
– Add VRAMP_HV specification, parameter “Slew rate on HV power supply pins”, max
value 100 V/ms.
– Add a second VRAMP specification VRAMP_HV, parameter “Slew rate on HV power
supply pins”, max value 500 V/ms.
– Moved VREF_BG_T, VREF_BG_TC and VREF_BG_LR specifications from ADC pin
specification table to Device operating conditions table.
– VDD_HV_IO_FLEXE added specification.
– VREF_BG_T, VREF_BG_TC, and VREF_BG_LR moved to the DC electrical specifications
table.
– VSTBY_BO and VDD_LV_STBY_SW moved to the DC electrical specifications table.
– In rows fSYS and TJ removed 165 °C content
– In row fSYS changed the first value in the Conditions column to -40 °C
– Added fLBIST
– Added note “VDD_HV_IO_JTAG supply is shorted with VDD_HV_OSC supply within
package” to VDD_HV_IO_JTAG
– Added VIN
Table 74. Revision history(Continued)
Revision
Date
Description of changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com