Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC574KX Datasheet(PDF) 145 Page - STMicroelectronics

Part # SPC574KX
Description  32-bit Power Architecture based MCU for automotive applications
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574KX Datasheet(HTML) 145 Page - STMicroelectronics

Back Button SPC574KX Datasheet HTML 141Page - STMicroelectronics SPC574KX Datasheet HTML 142Page - STMicroelectronics SPC574KX Datasheet HTML 143Page - STMicroelectronics SPC574KX Datasheet HTML 144Page - STMicroelectronics SPC574KX Datasheet HTML 145Page - STMicroelectronics SPC574KX Datasheet HTML 146Page - STMicroelectronics SPC574KX Datasheet HTML 147Page - STMicroelectronics SPC574KX Datasheet HTML 148Page - STMicroelectronics SPC574KX Datasheet HTML 149Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 160 page
background image
DocID023601 Rev 6
145/160
SPC574Kx
Revision history
159
3
(cont’d)
31 Jan 2014 Table 29 (Selectable load capacitance):
– Updated the table
– Changed column 2 heading to Capacitance offered on EXTAL/XTAL (Cx and Cy)
– Added Figure 13 (Crystal/Resonator Connections)
Table 30 (Internal RC oscillator electrical specifications):
– Added note “ IRC software trimmed accuracy is performed with the CMU_0 clock
monitor, using the XOSC as a reference. Software trim must be repeated as the device
operating temperature varies in order to maintain the specified accuracy” to
δfvar_T
– The minimum and maximum value of parameter “
δfvar_SW” changed from “-1” and “+1”
to “-0.5” and “+0.5” respectively.
Table 32 (ADC pin specification):
– Added row CHV_ADC
– Added footnote: For noise filtering, add...
– For parameter VREF_BG_TC, the condition VDD_HV_ADV updated from “5 V ± 10%” to “5
V”.
– For parameter VREF_BG_TC, the condition “TJ =150 °C to 165 °C” updated to “TJ = −40
°C to 165 °C”.
– For parameter VREF_BG_TC, the condition VDD_HV_ADV updated from “5 V ± 10%” to “5
V”.
– For parameter VREF_BG_TC, the condition “TJ =150 °C to 165 °C” updated to “TJ = −40
°C to 165 °C”.
– Changed all “Tj < 40 °C” to “Ta < 25 °C”
– Changed all “Tj < 150 °C” to “Ta < 125 °C”
– Moved VREF_BG_T, VREF_BG_TC and VREF_BG_LR specifications from ADC pin
specification table to Device operating table.
– Removed IBG specification as it is already provided in the dc electrical table.
Table 26 (SARn ADC electrical specification):
– In row VIN, set Parameter Classification as D.
– In row IADCREFH, added Bias Current condition.
– All negative values moved to the Min Value column for parameter “
ΔTUE12”.
– Added new condition for “
ΔVPRECH” - “VPRECH = VDD_HV_ADR/2 TJ < 150 °C
CTRn[PRECHG] > 2”
– IADCREFL specification: added VDD_HV_ADR_S <= 5.5 V to all modes in condition column.
– All negative values moved to the Min Value column for parameter “
ΔTUE12”
– Replaced the conditions column of VALTREF “VALTREF < VDD_HV_IO_MAIN” with
“VALTREF < VDD_HV_IO_MAIN
VALTREF < VDD_HV_ADV”
Table 34 (SDn ADC electrical specification):
– In row VOFFSET, added 3 after calibration conditions.
– In row SNRSE150 for Gain=2, 4 and 8 conditions, set Parameter Classification to T
– In row ZIN conditions are now: GAIN = 1, fADCD_M = 16MHz; GAIN = 16, fADCD_M =
16MHz
– In row tLATENCY Max Value is now 2*δGROUP + 6/fADCD_S
– Added row IBIAS.
– Added footnote: extended bench validation...
– Split footnote S/D ADC... degrades by 9 dB into 2 footnotes:
• S/D ADC... degrades by 3 dB
• S/D ADC... degrades by 9 dB
Table 74. Revision history(Continued)
Revision
Date
Description of changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com