Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC574KX Datasheet(PDF) 149 Page - STMicroelectronics

Part # SPC574KX
Description  32-bit Power Architecture based MCU for automotive applications
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574KX Datasheet(HTML) 149 Page - STMicroelectronics

Back Button SPC574KX Datasheet HTML 145Page - STMicroelectronics SPC574KX Datasheet HTML 146Page - STMicroelectronics SPC574KX Datasheet HTML 147Page - STMicroelectronics SPC574KX Datasheet HTML 148Page - STMicroelectronics SPC574KX Datasheet HTML 149Page - STMicroelectronics SPC574KX Datasheet HTML 150Page - STMicroelectronics SPC574KX Datasheet HTML 151Page - STMicroelectronics SPC574KX Datasheet HTML 152Page - STMicroelectronics SPC574KX Datasheet HTML 153Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 160 page
background image
DocID023601 Rev 6
149/160
SPC574Kx
Revision history
159
3
(cont’d)
31 Jan 2014 – Differentiated rows t16kprogrameep with [KGD] and [Packaged part]
– In row t16kprogrameep [Packaged part]:
• Typ value changed to 31
• Initial max 25 °C changed to 40
• Initial max All temp changed to 58
• Typical end of life changed to 64
– In row t16kprogrameep [KGD]:
• Typ value changed to 40.5
• Initial max 25 °C changed to 52.5
– In row tpr:
• Characteristics footnote changed to Rate computed based on 256K sectors.
– In row tfferase:
– Characteristics footnote changed to Only code sectors, not including EEPROM
– In row tPSRT:
• Characteristics footnote changed to Time between suspend resume and...
– In row tPSUS:
• Initial max 25 °C value removed
– In row tESUS:
• characteristics footnote changed to Timings guaranteed by design.
• Initial max 25 °C value removed
– Added row tAICOP
– Footnote: For memory sizes > 1 MB and... changed to Actual hardware programming
times...
Added new Section 3.19.2, DSPI timing with CMOS and LVDS pads
Table 48 (JTAG pin AC electrical characteristics): Added footnote “JTAG timing specified
at VDD_HV_IO_JTAG = 4.0 V to 5.5 V, and maximum loading per pad type as specified in
the I/O section of the data sheet.”
Table 49 (Nexus debug port timing):
– tTCYC (TCK cycle time) min value changed to 2
– Header “1K cycles” modified to “1k cycles”.
– Footnote 1 changed to “Nexus timing specified at VDD_HV_IO_JTAG = 4.0 V to 5.5 V, and
maximum loading per pad type as specified in the I/O section of the data sheet.”
– Added (TDO sampled on posedge of TCK) to tTCYC in the characteristics column and changed
the min value from “36” to “40”
Section 3.19.4, FlexRay timing:
Added new section that includes “DSPI CMOS Slave timing - Modified Transfer Format
(MTFE = 1)” table and timing diagrams “DSPI Slave Mode - Modified transfer format
timing (MFTE = 1) — CPHA = 0” and “DSPI Slave Mode - Modified transfer format
timing (MFTE = 1) — CPHA = 1”.
Table 58 (DSPI CMOS Slave timing - Modified Transfer Format (MTFE = 0/1)):
– Changed table title “(MTFE = 1)” to “(MTFE = 0/1)”
– Added footnote 1 to table title "DSPI slave operation is only supported for a single
master and single slave on the device. Timing is valid for that case only."
Figure 40 (DSPI Slave Mode - Modified transfer format timing (MFTE = 0/1)—CPHA = 0):
Changed figure title “(DSPI Slave Mode - Modified transfer format timing (MFTE = 1) —
CPHA = 0) to “(DSPI Slave Mode - Modified transfer format timing (MFTE = 0/1) — CPHA
= 0)”.
Table 74. Revision history(Continued)
Revision
Date
Description of changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com