Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC574KX Datasheet(PDF) 150 Page - STMicroelectronics

Part # SPC574KX
Description  32-bit Power Architecture based MCU for automotive applications
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574KX Datasheet(HTML) 150 Page - STMicroelectronics

Back Button SPC574KX Datasheet HTML 146Page - STMicroelectronics SPC574KX Datasheet HTML 147Page - STMicroelectronics SPC574KX Datasheet HTML 148Page - STMicroelectronics SPC574KX Datasheet HTML 149Page - STMicroelectronics SPC574KX Datasheet HTML 150Page - STMicroelectronics SPC574KX Datasheet HTML 151Page - STMicroelectronics SPC574KX Datasheet HTML 152Page - STMicroelectronics SPC574KX Datasheet HTML 153Page - STMicroelectronics SPC574KX Datasheet HTML 154Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 160 page
background image
Revision history
SPC574Kx
150/160
DocID023601 Rev 6
3
(cont’d)
31 Jan 2014 Figure 41 (DSPI Slave Mode - Modified transfer format timing (MFTE = 0/1)—CPHA = 1):
Changed figure title “(DSPI Slave Mode - Modified transfer format timing (MFTE = 1) —
CPHA = 1)” to “(DSPI Slave Mode - Modified transfer format timing (MFTE = 0/1) — CPHA
= 1)
Figure 59 (144 LQFP-EP package mechanical drawing (1 of 3)), Figure 60 (144 LQFP-
EP package mechanical drawing (2 of 3)), Figure 61 (144 LQFP-EP package mechanical
drawing (3 of 3)): Updated the figures.
Figure 69 (172-pin FusionQuad® TQFP (1 of 4)), Figure 70 (172-pin FusionQuad® TQFP
(2 of 4)): Updated the figures.
Added 2 new figures: Figure 71 (172-pin FusionQuad® TQFP (3 of 4)), Figure 72 (172-
pin FusionQuad® TQFP (4 of 4)).
In <Cross Refs>Equation 7 description,
TT updated to TB and ΨJT updated to ΨPB as mentioned in the equation.
Table 59 (RMII serial management channel timing):
– Added note “RMII timing is valid only up to a maximum of 150 oC junction temperature”
and applied K2 tag
– Added note “Output parameters are valid for CL = 25 pF, where CL is the external load
to the device. The internal package capacitance is accounted for, and does not need
to be subtracted from the 25 pF value” to the value column and applied K2 tag
Table 60 (RMII receive signal timing): Added note “RMII timing is valid only up to a
maximum of 150 oC junction temperature”
Table 61 (RMII transmit signal timing):
– R6 (REF_CLK to TXD[1:0], TX_EN valid) Max Value changed to 16 ns.
– Added footnote: Output parameters are valid for...
– Added note “RMII timing is valid only up to a maximum of 150 oC junction temperature”
– Updated table footnotes
Table 64 (RxD input characteristics): Added footnote 1 “FlexRay RxD timing is valid for all
input levels and hysteresis disabled.”
Table 71 (Thermal characteristics for eTQFP144):
– All table Min and Max values revised.
Table 84 (Thermal characteristics for FQ172(144/28) FusionQuad® package,):
– All table Min and Max values revised.
Table 72 (Thermal characteristics for eLQFP176):
– All table Min and Max values revised.
Table 86 (Thermal characteristics for FQ216(176/40) FusionQuad® package,):
– All table Min and Max values revised.
Section 4, Package characteristics: Added Table 70 (Package case numbers)
Table 74. Revision history(Continued)
Revision
Date
Description of changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com