Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC574KX Datasheet(PDF) 153 Page - STMicroelectronics

Part # SPC574KX
Description  32-bit Power Architecture based MCU for automotive applications
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574KX Datasheet(HTML) 153 Page - STMicroelectronics

Back Button SPC574KX Datasheet HTML 149Page - STMicroelectronics SPC574KX Datasheet HTML 150Page - STMicroelectronics SPC574KX Datasheet HTML 151Page - STMicroelectronics SPC574KX Datasheet HTML 152Page - STMicroelectronics SPC574KX Datasheet HTML 153Page - STMicroelectronics SPC574KX Datasheet HTML 154Page - STMicroelectronics SPC574KX Datasheet HTML 155Page - STMicroelectronics SPC574KX Datasheet HTML 156Page - STMicroelectronics SPC574KX Datasheet HTML 157Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 160 page
background image
DocID023601 Rev 6
153/160
SPC574Kx
Revision history
159
4
(cont’d)
19 Dec 2014 Figure 9 (I/O output DC electrical characteristics definition):
– Updated the figure. tPD10-90 (rising edge) replaced by tPLH (rising edge) and tPD10-
90 (falling edge) replaced by tPHL (falling edge). Added 50% dotted line.
Table 20 (WEAK configuration output buffer electrical characteristics):
– Replaced the minimum value of ROH_W with “520” from “560”.
Table 22 (STRONG configuration output buffer electrical characteristics):
– Added
|tSKEW_S| parameter.
Table 23 (VERY STRONG configuration output buffer electrical characteristics):
– Added IDCMAX_VS specification.
Table 25 (Reset electrical characteristics):
– For VHYS, replaced minimum value “300” with “275”.
– For WFNMI, replaced maximum value “20” with “15”.
Table 26 (PLL0 electrical characteristics):
– In fPLL0IN added a second note to parameter column.
Table 27 (PLL1 electrical characteristics):
– Removed tPLL1JIT.
– Updated all the minimum and maximum values of gm.
– Removed note 6 from below the table.
Table 28 (External Oscillator electrical specifications):
– In gm, changed the minimum and maximum frequencies.
Table 30 (Internal RC oscillator electrical specifications):
– Moved the footnote from
δfvar_T to δfvar_SW.
– Updated the description of
δfvar_SW.
– Removed IAVDD5.
– Removed IDVDD12.
Table 26 (SARn ADC electrical specification):
– Added
ΔTUE10.
– For VALTREF replaced “P” with “C” and added another row for “P”.
– For IADV_S, reorganised the notes and added a note to “Power Down mode”.
– Changed the minimum and maximum value of DNL.
– Removed INL.
– Revised condition entries for tADCPRECH and
ΔVPRECH.
Table 34 (SDn ADC electrical specification):
– Updated SNRSE150.
– In Vcmrr specification: changed min value to 54 dB (was 20 dB).
– Replaced “Vcmrr” with “CMRR”.
–
δGROUP specification: changed OSR = 75 max value to 699 Tclk (was 646), changed
OSR = 96 max value to 949.5 Tclk (was 946.4).
– VOFFSET: Changed parameter name to “Input Referred Offset Error” (was “Conversion
Offset”) and added footnote (“Conversion offset error must be...”).
Table 74. Revision history(Continued)
Revision
Date
Description of changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com