Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC574KX Datasheet(PDF) 156 Page - STMicroelectronics

Part # SPC574KX
Description  32-bit Power Architecture based MCU for automotive applications
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574KX Datasheet(HTML) 156 Page - STMicroelectronics

Back Button SPC574KX Datasheet HTML 152Page - STMicroelectronics SPC574KX Datasheet HTML 153Page - STMicroelectronics SPC574KX Datasheet HTML 154Page - STMicroelectronics SPC574KX Datasheet HTML 155Page - STMicroelectronics SPC574KX Datasheet HTML 156Page - STMicroelectronics SPC574KX Datasheet HTML 157Page - STMicroelectronics SPC574KX Datasheet HTML 158Page - STMicroelectronics SPC574KX Datasheet HTML 159Page - STMicroelectronics SPC574KX Datasheet HTML 160Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 156 / 160 page
background image
Revision history
SPC574Kx
156/160
DocID023601 Rev 6
5
(cont’d)
30 March 2015 Table 25 (Reset electrical characteristics):
Replaced “P” with “C” in the classification column of IOL_R parameter.
Replaced “12” with “8” in the minimum value of IOL_R parameter.
Updated
|IWPU| and |IWPD| parameters.
Added “C” classification to the second row of IOL_R.
Table 26 (PLL0 electrical characteristics):
Added fPLL0FREE parameter.
Table 27 (PLL1 electrical characteristics):
Added fPLL1FREE parameter.
Table 28 (External Oscillator electrical specifications):
Updated the classification and condition values of gm.
Removed the first note.
Table 32 (ADC pin specification):
Added
ΣIADV parameter.
Table 26 (SARn ADC electrical specification):
Replaced “C” with “T” in the first row of the classification column of IADCREFH parameter
and added a footnote to the maximum value.
Updated IADV_S parameter.
Added parameter
ΣIADR_S.
Table 34 (SDn ADC electrical specification):
Replaced “P” with “T” in the classification column of IADV_D parameter and .
Replaced maximum value of “15” with “30” for
ΣIADR_D parameter, and added a footnote
to the parameter column.
Added IADCS/D_REFH parameter.
Table 35 (Temperature sensor electrical characteristics):
Replaced “P” with “C” in the first row of classification column of TACC parameter.
Replaced “P” with “T” in the first row of classification column of TSENS parameter.
Table 37 (LFAST transmitter electrical characteristics):
Replaced “C” with “T” in the classification column of ILVDS_TX parameter.
Table 74. Revision history(Continued)
Revision
Date
Description of changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com