Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC574KX Datasheet(PDF) 159 Page - STMicroelectronics

Part # SPC574KX
Description  32-bit Power Architecture based MCU for automotive applications
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574KX Datasheet(HTML) 159 Page - STMicroelectronics

Back Button SPC574KX Datasheet HTML 152Page - STMicroelectronics SPC574KX Datasheet HTML 153Page - STMicroelectronics SPC574KX Datasheet HTML 154Page - STMicroelectronics SPC574KX Datasheet HTML 155Page - STMicroelectronics SPC574KX Datasheet HTML 156Page - STMicroelectronics SPC574KX Datasheet HTML 157Page - STMicroelectronics SPC574KX Datasheet HTML 158Page - STMicroelectronics SPC574KX Datasheet HTML 159Page - STMicroelectronics SPC574KX Datasheet HTML 160Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 159 / 160 page
background image
DocID023601 Rev 6
159/160
SPC574Kx
Revision history
159
6
28 July 2017 RPNs “SPC574K70E5, SPC574K72E5” on the cover page updated to “SPC574Kx”
RPN “SPC574Kxx” updated to “SPC574Kx” throughout the document
Updated attached I/O excel sheet “SPC574Kx_IO_Signal_Table.xlsx”
Table 2: MPC5744K/SPC574Kx device feature summary:
– “CAN (M_CAN/M_TTCAN)” updated to “M_CAN (ISO CAN-FD/TTCAN)”
– Footnote added for 5V External power supply.
Section 1.5: Feature overview:
– Reworded the Boot Assist Flash feature.
– “6 separate 12 bit SAR analog converters” updated to “1 supervisor 12-bit SAR analog
converter and 4 separate fast 12-bit SAR analog converters”
– Added feature “One Ethernet controller....IEEE 802.3-2008”
– Reworded feature MCAN
– Reworded feature Power supply voltage
Table 34: SDn ADC electrical specification:
– Added new parameters “ZDIFF”, “ZCM”, “RBIAS” and “ΔVINTCM”
– Values of parameter “RBIAS” updated
Added Figure 17: S/D impedance generic model
Figure 81: Product code structure:
– From custom version, “2 = FlexRay” removed
– From Frequency, “4 = 120MHz” removed
– Added footnote “Order on 2M-Byte part numbers...”
– Added footnote “Features (eg., flash, RAM....”
Table 74. Revision history(Continued)
Revision
Date
Description of changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com