Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC574KX Datasheet(PDF) 154 Page - STMicroelectronics

Part # SPC574KX
Description  32-bit Power Architecture based MCU for automotive applications
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574KX Datasheet(HTML) 154 Page - STMicroelectronics

Back Button SPC574KX Datasheet HTML 150Page - STMicroelectronics SPC574KX Datasheet HTML 151Page - STMicroelectronics SPC574KX Datasheet HTML 152Page - STMicroelectronics SPC574KX Datasheet HTML 153Page - STMicroelectronics SPC574KX Datasheet HTML 154Page - STMicroelectronics SPC574KX Datasheet HTML 155Page - STMicroelectronics SPC574KX Datasheet HTML 156Page - STMicroelectronics SPC574KX Datasheet HTML 157Page - STMicroelectronics SPC574KX Datasheet HTML 158Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 160 page
background image
Revision history
SPC574Kx
154/160
DocID023601 Rev 6
4
(cont’d)
19 Dec 2014 – The maximum value changed from “15” to “16” for the maximum value for GAIN.
– Added note to tLATENCY and tSETTLING.
– SNRSE150 specification: changed footnote to “This parameter is guaranteed by bench
validation with a small sample of typical devices, and tested in production to a value of
6 dB less” (was 2 dB less).
Removed the Table : Electrical specifications.
Table 42 (Voltage monitor electrical characteristics):
– Changed the minimum and maximum value of VLVD108.
– Updated the minimum and maximum value of VPORUP_HV.
Table 47 (Flash memory RWSC configuration):
– Replaced “40 – 160 MHz” with “140 – 160 MHz” in the Platform Frequency column.
Table 52 (DSPI channel frequency support):
– Added CMOS Slave mode.
Table 64 (RxD input characteristics):
– Revised footnote (“FlexRay RxD timing is valid. . .”).
Section 3.19.8, GPIO delay timing:
– Added this section.
Table 65 (Order codes):
– Replaced EMU574K72K5-AA, EMU574K72K7-AA with EMU574K72K5-BB and
EMU574K72K7-BB respectively.
– Removed figure “Emulation device code structure EMU574M72K5-AA”.
Table 74. Revision history(Continued)
Revision
Date
Description of changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com