Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC574KX Datasheet(PDF) 158 Page - STMicroelectronics

Part # SPC574KX
Description  32-bit Power Architecture based MCU for automotive applications
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574KX Datasheet(HTML) 158 Page - STMicroelectronics

Back Button SPC574KX Datasheet HTML 152Page - STMicroelectronics SPC574KX Datasheet HTML 153Page - STMicroelectronics SPC574KX Datasheet HTML 154Page - STMicroelectronics SPC574KX Datasheet HTML 155Page - STMicroelectronics SPC574KX Datasheet HTML 156Page - STMicroelectronics SPC574KX Datasheet HTML 157Page - STMicroelectronics SPC574KX Datasheet HTML 158Page - STMicroelectronics SPC574KX Datasheet HTML 159Page - STMicroelectronics SPC574KX Datasheet HTML 160Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 158 / 160 page
background image
Revision history
SPC574Kx
158/160
DocID023601 Rev 6
5
01 July 2015 Following are the changes:
Removed all KGD related information and “TJ = 165 oC”.
Table 2 (MPC5744K/SPC574Kx device feature summary):
Removed 140 MHz from Main processor frequency.
Removed 70 MHz from I/O processor frequency.
Table 12 (Device operating conditions):
Updated VDD_LV.
Changed the description of TJ to “Junction Temperature” and description of TA to
“Ambient temperature”.
Table 22 (STRONG configuration output buffer electrical characteristics):
Updated the minimum values of tTR_S.
Table 23 (VERY STRONG configuration output buffer electrical characteristics):
Updated the minimum values of tTR_V.
Table 25 (Reset electrical characteristics):
Replaced the minimum value of “11” with “8” for IOL_R parameter.
Table 28 (External Oscillator electrical specifications):
For VEXTAL, replaced the maximum values of “1.6” with “1.8”. Removed the second row.
Table 26 (SARn ADC electrical specification):
Updated the minimum and maximum values of VALTREF parameter.
Added IADCSAR_REFH and IADCSAR_REFL.
Removed table footnote “Values are subject to change (possibly improved to ±2 LSB)
after characterization.”
Table 34 (SDn ADC electrical specification):
Updated the minimum, typical, and maximum values of ZIN for GAIN = 1.
Table 35 (Temperature sensor electrical characteristics):
Removed the second row of TACC parameter.
Table 36 (LVDS pad startup and receiver electrical characteristics):
Removed VHYS parameter.
Replaced “P” with “T” in the classification column of |
ΔVI| parameter.
Table 41 (Device Power Supply Integration):
Replaced minimum value of “1.20” with “1.14” for VMREG parameter (After trimming).
Table 45 (Flash memory program and erase specifications), Table 46 (Flash memory Life
Specification), and Table 47 (Flash memory RWSC configuration):
– Removed texts “pending silicon characterization” and “pending silicon Qualification”
from table headings.
Table 42 (Voltage monitor electrical characteristics):
Replaced minimum value of “1400” with “1390” for VHVD145 parameter.
Table 43 (Device supply relation during power-up/power-down sequence):
In the third note below the table, added VDD_HV_ADR supply.
Table 74. Revision history(Continued)
Revision
Date
Description of changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com