Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC574KX Datasheet(PDF) 155 Page - STMicroelectronics

Part # SPC574KX
Description  32-bit Power Architecture based MCU for automotive applications
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574KX Datasheet(HTML) 155 Page - STMicroelectronics

Back Button SPC574KX Datasheet HTML 151Page - STMicroelectronics SPC574KX Datasheet HTML 152Page - STMicroelectronics SPC574KX Datasheet HTML 153Page - STMicroelectronics SPC574KX Datasheet HTML 154Page - STMicroelectronics SPC574KX Datasheet HTML 155Page - STMicroelectronics SPC574KX Datasheet HTML 156Page - STMicroelectronics SPC574KX Datasheet HTML 157Page - STMicroelectronics SPC574KX Datasheet HTML 158Page - STMicroelectronics SPC574KX Datasheet HTML 159Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 160 page
background image
DocID023601 Rev 6
155/160
SPC574Kx
Revision history
159
5
30 March 2015 Following are the changes:
Table 6 (Absolute maximum ratings):
In the classification column, replaced all “C” with “D”.
Table 12 (Device operating conditions):
For VDD_LV, replaced “D” with “P” and “P” with “D” in the respective rows of the
classification column.
Replaced VDD_HV_ADR with VDD_HV_ADR_D, and VSS_HV_ADR with VSS_HV_ADR_D.
Table 13 (Emulation (buddy) device operating conditions):
Replaced “C” with “T” in the classification column of “Data trace frequency”.
Table 16 (DC electrical specifications):
Replaced “C” with “T” in the classification column of 165 oC parameters.
Replaced maximum value of “350” with “450” for IDD parameter.
Replaced maximum value of “370” with “470” for IDDPE parameter.Replaced maximum
values of “260” with “340” and “280” with “360” for IDDAPP parameter.Updated IDDAR.
Added note to ISPIKE.
Table 18 (I/O input DC electrical characteristics):
Updated note in maximum value of VIHAUT.Replaced 4.0 with 3.6 in note below the table:
“3.0 V < VDD_HV_IO < 4.0 V”
Table 19 (I/O pull-up/pull-down DC electrical characteristics):
Added maximum value of “65” to
|IWPU|.
Added maximum value of “50” to
|IWPD|.
Added condition for RWPU and RWPD.
Table 74. Revision history(Continued)
Revision
Date
Description of changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com