Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC574KX Datasheet(PDF) 152 Page - STMicroelectronics

Part # SPC574KX
Description  32-bit Power Architecture based MCU for automotive applications
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574KX Datasheet(HTML) 152 Page - STMicroelectronics

Back Button SPC574KX Datasheet HTML 148Page - STMicroelectronics SPC574KX Datasheet HTML 149Page - STMicroelectronics SPC574KX Datasheet HTML 150Page - STMicroelectronics SPC574KX Datasheet HTML 151Page - STMicroelectronics SPC574KX Datasheet HTML 152Page - STMicroelectronics SPC574KX Datasheet HTML 153Page - STMicroelectronics SPC574KX Datasheet HTML 154Page - STMicroelectronics SPC574KX Datasheet HTML 155Page - STMicroelectronics SPC574KX Datasheet HTML 156Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 160 page
background image
Revision history
SPC574Kx
152/160
DocID023601 Rev 6
4
(cont’d)
19 Dec 2014 Table 9 (Conducted emissions testing specifications):
– Replaced EXTCLK with SYSCLK in External clock.
Table 12 (Device operating conditions):
– In footnote (“The PMC supply voltage...”), replaced cross-reference to PMC operating
conditions and external regulators supply voltage table, which has been removed, with
a text reference to the VDD_HV_PMC specification.
– Removed VDD_HV_IO_FLEXE.
– For VDD_HV_FLA replaced “SR” with “CC”.
– Replaced “P” with “C” in TJ for 165 °C.
– For VDD_HV_IO_JTAG replaced “P” with “C” and added another row for “P”.
– For VDD_HV_ADV, replaced “D” with “P” and replaced “P” with “C”.
– For VDD_HV_ADR replaced “P” with “C” and added another row for “P” (SD ADC supply
reference voltage).
– For VDD_HV_ADR replaced “P” with “C” and added another row for “P” (SARADC
reference).
– Removed VRAMP_LV.
Table 13 (Emulation (buddy) device operating conditions):
– Replaced “P” with “C” in TJ_BD for 165 °C.
– Removed VRAMP_BD.
– Added VRAMP_LV_BD and VRAMP_HV_BD.
Table 16 (DC electrical specifications):
– For IDDAPP replaced “TJ < 144 °C” with “TJ < 142 °C”.
– For IDDAPP replaced “TJ < 165 °C” with “fSYS = 140 MHz, TJ <165 °C”.
– For IDD_MAIN_CORE_AC replaced “200 MHz” with “fSYS = 160 MHz”.
– For IDD_CHKR_CORE_AC replaced “160 MHz” with “fSYS = 160 MHz”.
– For IDDAR replaced “At 55 °C” with “TJ = 165 °C”.
– For IDDOFF replaced “P” with “T”.
– For VREF_BG_LR replaced all “P” with all “T”.
– Removed note from maximum value of TJ = 150 °C condition.
– Replaced IDDAPP with IDDMAX in the note below the table.
Section 3.17.2, Main voltage regulator electrical characteristics:
– Added text “internally connected to VDD_HV_IO_MAIN supply” to the first line.
Section 3.18.1, Flash read wait state and address pipeline control settings:
– Replaced C55FMC with Flash.
Table 18 (I/O input DC electrical characteristics):
– For ILKG_MED added 4.5 V < VDD_HV <5.5 V
VSS_HV < VIN < VDD_HV in the “conditions” column.
– For VILAUT replaced maximum value “2.2” with “2.1” and added a note to it.
– For VHYSAUT replaced minimum value “0.5” with “0.4” and added a note to it
Table 19 (I/O pull-up/pull-down DC electrical characteristics):
– IWPU, IWPD: revised these specifications.
Table 74. Revision history(Continued)
Revision
Date
Description of changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com