Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC574KX Datasheet(PDF) 151 Page - STMicroelectronics

Part # SPC574KX
Description  32-bit Power Architecture based MCU for automotive applications
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574KX Datasheet(HTML) 151 Page - STMicroelectronics

Back Button SPC574KX Datasheet HTML 147Page - STMicroelectronics SPC574KX Datasheet HTML 148Page - STMicroelectronics SPC574KX Datasheet HTML 149Page - STMicroelectronics SPC574KX Datasheet HTML 150Page - STMicroelectronics SPC574KX Datasheet HTML 151Page - STMicroelectronics SPC574KX Datasheet HTML 152Page - STMicroelectronics SPC574KX Datasheet HTML 153Page - STMicroelectronics SPC574KX Datasheet HTML 154Page - STMicroelectronics SPC574KX Datasheet HTML 155Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 160 page
background image
DocID023601 Rev 6
151/160
SPC574Kx
Revision history
159
4
19 Dec 2014 Section 1.1, Document overview:
– Added note.
Table 2 (MPC5744K/SPC574Kx device feature summary):
– Replaced “SIMD” with “LSP” in I/O processor.
– Added cache row to I/O processor.
– Added 140 MHz to Main processor frequency.
– Added 70 MHz to I/O processor frequency.
– Replaced “2 x 4 x 256-bit” with “2 x 2 x 256-bit” in Flash memory fetch accelerator.
– Replaced M_CAN/M_TTCAN with CAN (M_CAN/M_TTCAN) || 3 (2/1)x.
– Replaced 2/1 with 3 (2/1).
– Added RMII to Ethernet.
– Replaced “365 sources” with “360 sources” in Interrupt controller
– Removed 1.2 V from External power supplies.
– Moved notes from 144 LQFP-EP/eTQFP1445 and 176 LQFP-EP/eLQFP176 to
172-pin FusionQuad® and 216-pin FusionQuad® in Packages.
Figure 1 (Block diagram):
– Changed “Calibration Bus” to “Calibration Interface”.
Figure 2 (Periphery allocation):
– Replaced SRX_0 with SENT_SRX_0 and SRX_1 with SENT_SRX_1.
Section 1.5, Feature overview: Replaced SIUL with SIUL2.
– Removed “UART” from “UART Serial Boot Mode Protocol”.
– Replaced “Boot Assist Module (BAM)” with “Boot Assist Flash (BAF)”.
– Removed LIN from UART / LIN.
– Removed FlexRay.
Figure 3 (144-pin QFP and 172-pin FQ configuration (top view)):
– Replaced VDD_LV_BD with NC/VDD_LV_BD and added a note on pin 10.
– Removed FQ from the second note.
Figure 4 (176-pin QFP and 216-pin FQ configuration (top view)):
– Added note on pins 10 and 154.
– Replaced VDD_LV_BD with NC/VDD_LV_BD and added a note on pin 10.
Section 2.2.1, Power supply and reference voltage pins:
– Added a note.
Table 4 (LVDSM pin descriptions):
– Changed the signals of the port pins PA[8], PA[7], PA[9], and PA[5] in “Debug LFAST”
functional block.
Section 3.2, Parameter classification:
– Removed note.
Table 6 (Absolute maximum ratings):
– In Notes, Changed TJ= 165 °C to 125 °C.
– Changed the classification of TSTG from “C” to “T”.
– Changed the classification of STORAGE from “C” to “—”.
– Added note to VDD_HV_ADV.
Table 74. Revision history(Continued)
Revision
Date
Description of changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com