Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC574KX Datasheet(PDF) 147 Page - STMicroelectronics

Part # SPC574KX
Description  32-bit Power Architecture based MCU for automotive applications
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574KX Datasheet(HTML) 147 Page - STMicroelectronics

Back Button SPC574KX Datasheet HTML 143Page - STMicroelectronics SPC574KX Datasheet HTML 144Page - STMicroelectronics SPC574KX Datasheet HTML 145Page - STMicroelectronics SPC574KX Datasheet HTML 146Page - STMicroelectronics SPC574KX Datasheet HTML 147Page - STMicroelectronics SPC574KX Datasheet HTML 148Page - STMicroelectronics SPC574KX Datasheet HTML 149Page - STMicroelectronics SPC574KX Datasheet HTML 150Page - STMicroelectronics SPC574KX Datasheet HTML 151Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 160 page
background image
DocID023601 Rev 6
147/160
SPC574Kx
Revision history
159
3
(cont’d)
31 Jan 2014 Table 37 (LFAST transmitter electrical characteristics):
– CL (External lumped differential load capacitance) is 10.0 pF
– In row |VOD| removed the delta symbol removed “+/-” from each value
– Updated tTR Parameter description
– CL specification, changed max CL for VDD_HV_IO = 4.5 V from “10” to '”12” pF.
|VOD| changed Min value “100” to “110”
Table 38 (MSC/DSPI LVDS transmitter electrical characteristics):
– CL (External lumped differential load capacitance) is 50 pF
– In row |VOD| removed the delta symbol removed “+/-” from each value
– Updated tTR Parameter description
Table 39 (LFAST PLL electrical characteristics):
– fVCO (PLL VCO frequency) nominal value is 640 MHz
Table 40 (Aurora LVDS electrical characteristics):
– In row Transmitter Differential Terminating resistance changed symbol to RV_L_Tx.
– In row CAC
• Parameter changed to Clock Receive Pin External AC Coupling Capacitance;
• Min Value changed to 100 pF
• Max Value changed to 270 pF
– In row Receiver Differential Terminating resistance
• changed symbol to RV_L_Rx
• removed condition VDD_HV_IO_BD = 5 V±10%
– Unit of measurement of FRX changed from “GHz” to “Gbps”.
– Removed VDD_HV_IO_BD and VDD_LV specifications as they are supplied in the device
operating conditions table.
– Changed “CAC“specification name to “Cac_clk“.
– Added specification “Cac_tx”.
Figure 22 (Voltage regulator capacitance connection): The following note “The pins
positions correspond to the pins positions in the pins package” is added.
Table 41 (Device Power Supply Integration):
– Changed table name to Device Power Supply Integration
– Added Parameter Classification C column
– Added new parameter “IDDCLAMP”.
– Minimum capacitance of parameters “CDECREGn”, “CDECHV” and “CDECFLA” changed
from 10 nF to 30 nF
– Replaced “—” with “VDD_LV/VSS pair” in the conditions column of CDECREGn
– Replaced “Decoupling capacitance ballast” with “Relay capacitance for ballast power-
up” in the parameter column of CDECBV and replaced “VDD_HV_PMC/VSS pair” with “—” in
the conditions column
– Replaced “domain loading” with “external capacitance loading” in the parameter column
of IDDCLAMP and updated the min and max values.
– In IMREGINT removed note “By simulation” and changed C from “T” to “D”
– Changed the min and typ values of CDECFLA
Table 74. Revision history(Continued)
Revision
Date
Description of changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com