Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC574KX Datasheet(PDF) 146 Page - STMicroelectronics

Part # SPC574KX
Description  32-bit Power Architecture based MCU for automotive applications
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574KX Datasheet(HTML) 146 Page - STMicroelectronics

Back Button SPC574KX Datasheet HTML 142Page - STMicroelectronics SPC574KX Datasheet HTML 143Page - STMicroelectronics SPC574KX Datasheet HTML 144Page - STMicroelectronics SPC574KX Datasheet HTML 145Page - STMicroelectronics SPC574KX Datasheet HTML 146Page - STMicroelectronics SPC574KX Datasheet HTML 147Page - STMicroelectronics SPC574KX Datasheet HTML 148Page - STMicroelectronics SPC574KX Datasheet HTML 149Page - STMicroelectronics SPC574KX Datasheet HTML 150Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 160 page
background image
Revision history
SPC574Kx
146/160
DocID023601 Rev 6
3
(cont’d)
31 Jan 2014 – Updated footnote The 640 MHz frequency is achieved...
– fADCD_M specification, removed footnote “VINM is the input voltage applied to the
negative terminal of the SDADC.”
– fADCD_M specification, changed parameter from “S/D clock” to “S/D modulator input
clock”
– Changed fADCD_M Min from “—” to “4”.
– RESOLUTION specification, added footnote “When using a GAIN setting of 16, the
conversion result will always have a value of zero in the least significant bit. The gives
an effective resolution of 15 bits.”
–
|δGAIN| specification, changed Max value from “0.1” % to “5” mV, “0.25” % to “7.5” mV,
and “0.5” % to “10” mV.
– Common mode rejection ratio parameter change symbol from “—” to “Vcmrr”
– Anti-aliasing filter parameter, changed symbol “—” to “RCaaf”
– Stop band attenuation parameter, changed “symbol “—” to “Frolloff”.
– For tLATENCY, tSETTLING, and tODRECOVERY specifications, changed max from 2
* &GROUP to “2 * &GROUP + 7 * fADCD_S”.
– Changed footnote 9 in “full input range (specified by Vin)” to “full input frequency range.”
– Changed footnote 11 “0.873” dB to “0.087” dB.
– Changed footnote from “The ±1% passband ripple specification is equivalent to 20 *
log10 (0.99) = 0.87 dB.” to “The ±1% passband ripple specification is equivalent to 20
* log10 (0.99) = 0.087 dB.
– tSTARTUP renamed as tPOWERUP
– tLATENCY renamed as tSTARTUP
– A new parameter tLATENCY added
– Max value of
δGROUP modified for all values of OSR
– new condition and max value added for tSTARTUP, tLATENCY, tSETTLING and tODRECOVERY.
– tPOWERUP renamed as tSTARTUP.
– tSTARTUP row removed.
– Description of tLATENCY changed from “Latency between input data and converted data”
to “Latency between input data and converted data when input mux does not change”.
– Max value of tLATENCY changed from “2*δGROUP + fADCD_S” to “δGROUP + fADCD_S”.
– Maximum value of parameter “GAIN” changed from 16 to 15.
– Replaced the “—” in the conditions column of fADCD_S with “TJ <150 °C”
– Replaced “2*
δGROUP” with “δGROUP” in the max column of tLATENCY
– For max value of
|δGAIN| row, replaced “1” with “1.5”
– Added one new table: Table 34 (Electrical specifications)
Table 35 (Temperature sensor electrical characteristics):
– In row ITEMP_SENS max value changed to 700 µA
– In row TSENS changed Parameter classification to P
– In row TACC added condition TJ < 165 °C
– The minimum value of “TACC” changed from 7 to “-7”.
Table 36 (LVDS pad startup and receiver electrical characteristics):
– |
ΔVI| specification, Differential input voltage parameter, added footnote 12 “The
LXRXOP[0] bit in the LFAST LVDS Control Register (LCR) must be set to one to
ensure proper LFAST receive timing.”
– max value of tSTRT_BIAS changed from 0.8 µs to 4 µs
– max value of tPD2NM_TX changed from 0.55 µs to 2.75 µs
Table 74. Revision history(Continued)
Revision
Date
Description of changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com