Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC574KX Datasheet(PDF) 148 Page - STMicroelectronics

Part # SPC574KX
Description  32-bit Power Architecture based MCU for automotive applications
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574KX Datasheet(HTML) 148 Page - STMicroelectronics

Back Button SPC574KX Datasheet HTML 144Page - STMicroelectronics SPC574KX Datasheet HTML 145Page - STMicroelectronics SPC574KX Datasheet HTML 146Page - STMicroelectronics SPC574KX Datasheet HTML 147Page - STMicroelectronics SPC574KX Datasheet HTML 148Page - STMicroelectronics SPC574KX Datasheet HTML 149Page - STMicroelectronics SPC574KX Datasheet HTML 150Page - STMicroelectronics SPC574KX Datasheet HTML 151Page - STMicroelectronics SPC574KX Datasheet HTML 152Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 160 page
background image
Revision history
SPC574Kx
148/160
DocID023601 Rev 6
3
(cont’d)
31 Jan 2014 Table 42 (Voltage monitor electrical characteristics):
– VLVD108 specification, changed Min value from “1080” to “1120”
– VLVD108 specification, changed Max value from “1140” to “1170”
– VLVD108Changed Parameter name “LV internal supply low voltage monitoring” to “Core
LV internal supply low voltage monitoring” and added note to conditions “This is
combination of LVD108_C, P, and F. Min is from min value of LVD108_F, and P which
is the lowest one. Max is the max value of LVD108_C which is the highest one of three.”
– VPORUP_LV Falling voltage (power down) condition, added footnote “assume all of LVDs
on LV supplies disabled”.
– Added “HVD140 does not cause reset” at end of footnote “HVD is released after
tVDRELEASE temporization when lower threshold is crossed, HVD is asserted
tVDASSERT after detection when upper threshold is crossed.”
– VLVD295 Rising voltage condition changed Max value “3100” to “3120”.
– VLVD295 Falling voltage condition changed Min value “2950” to “2920” and Max value
“3080” to “3100”.
– VHVD360 Rising voltage condition changed Min value “3420” to “3435” and Max value
“3610” to “3650”.
– VHVD360 Falling voltage condition changed Min value “3400” to “3415”.
Table 44 (Functional terminals state during power-up and reset):
– Replaced “Weak pull-down” with “Weak pull-up” for ESR1 in Power-up, reset, and
default states
– Replaced “ERROR” with “ERROR[0]”
– Updated note 6
– ESR1 POWER-UP Pad State changed to Weak pull-down.
Table 45 (Flash memory program and erase specifications): Updated the values.
Table 46 (Flash memory Life Specification): Replaced “K” with “k” in the unit column
Section 3.18.1, Flash read wait state and address pipeline control settings: Added this
section
Moved I2C AC timing specification after section “UART timing”
Moved “UART timing” section after “PSI5 timing”
Table 48 (K2 Flash memory program and erase specifications(pending silicon
characterization))
– Complete rework of table and contents.
– In row tdwprogram:
• removed Initial max parameter classification
• Lifetime max changed to 650
– In row tpprogra:
• Initial max parameter classification removed
– Added row tpprogrameep [KGD]
– In row tqprogram:
• Typical end of life changed to 396
– Added row tqprogrameep [KGD]
Table 74. Revision history(Continued)
Revision
Date
Description of changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com