Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC574KX Datasheet(PDF) 136 Page - STMicroelectronics

Part # SPC574KX
Description  32-bit Power Architecture based MCU for automotive applications
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574KX Datasheet(HTML) 136 Page - STMicroelectronics

Back Button SPC574KX Datasheet HTML 132Page - STMicroelectronics SPC574KX Datasheet HTML 133Page - STMicroelectronics SPC574KX Datasheet HTML 134Page - STMicroelectronics SPC574KX Datasheet HTML 135Page - STMicroelectronics SPC574KX Datasheet HTML 136Page - STMicroelectronics SPC574KX Datasheet HTML 137Page - STMicroelectronics SPC574KX Datasheet HTML 138Page - STMicroelectronics SPC574KX Datasheet HTML 139Page - STMicroelectronics SPC574KX Datasheet HTML 140Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 160 page
background image
Revision history
SPC574Kx
136/160
DocID023601 Rev 6
6
Revision history
Table 74. Revision history
Revision
Date
Description of changes
1
28 Oct 2011 Initial release
2
30 Aug 2012 Editorial and formatting changes throughout
SPC574Kxx Microcontroller Data Sheet title page: added chip part numbers
Harmonized package naming
Section 1.3, Device feature summary: modified title (was “Device comparison”)
Replaced “Family comparison” table with Table 2 (MPC5744K/SPC574Kx device feature
summary)
Updated Figure 1 (Block diagram)
Updated Figure 2 (Periphery allocation)
Section 1.5, Feature overview:
– Updated code flash memory size from 2048 KB code to 2560 KB
– Updated BAF feature description
– Updated BAM feature description
– Replaced instance of “K2” with “MPC5744K/SPC574K72”
Figure ():
– Modified names of pins 10, 23, A15, A22, and 125
– Replaced “A1–A28 are the additional FQ172 FQ pins” with “VSS” in the middle box
– Added notes 3 and 4
Figure 4 (176-pin QFP and 216-pin FQ configuration (top view)):
– Changed name of pin A23, A40, 153, and 154
– Replaced “A1–A40” are the additional FQ172 FQ pins” with “VSS” in the middle box
– Added notes 3 and 4
Removed Table “Power supply and reference pins” and added reference to the
JPC5744M IO Signal Table.xlsx
Table 3 (System pins): updated TESTMODE pin description
Table 4 (LVDSM pin descriptions): updated pin number column header
Table 5 (LVDSF pin descriptions): updated pin number column header
Updated Section 2.2.4, Generic pins
Section 3, Electrical characteristics: removed section “Thermal characteristics” (section
transferred to Section 4, Package characteristics)
Updated Section 3.1, Introduction
– Following note removed: “All parameter values in this document are tested with nominal
supply voltage values (VDD_LV = 1.25 V, VDD_HV = 5.0 V ± 10%, VDD_HV_IO =5.0 V ±
10% or 3.3 V ± 10%) and TA = –40 to 125 °C unless otherwise specified.”. Operating
conditions will appear elsewhere in the data sheet.
– Following footnote on VDD_LV in above note removed: “Refer to the LVD specification.”
– VDD_HV_OSC deleted from note (list of supply pins)
Updated Table 6 (Absolute maximum ratings)
Updated Table 8 (Radiated emissions testing specification,)
Table 9 (Conducted emissions testing specifications): reworded footnote referencing
effect of 25/50 MHz clocks on BISS port limits
Added Table 10 (RF immunity—Direct Power Injection (DPI) test specifications)
Table 11 (ESD ratings): Added classification column
Table 14 (Temperature profile – Packaged parts): corrected temperature range in
“Passenger cars - low end” (was TA =80to95°C, is TA = 80 to 85 °C); updated “Total
operation time” value in “Passenger cars - low end”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com