Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5464 Datasheet(PDF) 62 Page - STMicroelectronics

Part # STLC5464
Description  MULTI-HDLCWITH n x 64 SWITCHING MATRIX ASSOCIATED
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5464 Datasheet(HTML) 62 Page - STMicroelectronics

Back Button STLC5464 Datasheet HTML 58Page - STMicroelectronics STLC5464 Datasheet HTML 59Page - STMicroelectronics STLC5464 Datasheet HTML 60Page - STMicroelectronics STLC5464 Datasheet HTML 61Page - STMicroelectronics STLC5464 Datasheet HTML 62Page - STMicroelectronics STLC5464 Datasheet HTML 63Page - STMicroelectronics STLC5464 Datasheet HTML 64Page - STMicroelectronics STLC5464 Datasheet HTML 65Page - STMicroelectronics STLC5464 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 83 page
background image
VIII.12 - Time Slot Assigner Data Register - TADR (16)H
bit15
bit8
bit7
bit 0
V11
V10
V9
V8
V7
V6
V5
V4
V3
V2
V1
CH4
CH3
CH2
CH1
CH0
After reset (0000)H
CH0/4 : CHANNEL0/4
These five bits define one of 32 channels associated to TIME SLOT defined by the previous
Register (TAAR).
V1/8
: VALIDATION
The logical channel CHx is constituted by each subchannel 1 to 8 and validated by V1/8 bit
V9
: VALIDATION SUBCHANNEL
V 9 = 1, each V1/8 bit is taken into account once every 250ms.
In transmit direction, data is transmitted consecutively during the time slot of the current frame
and during the same time slot of the next frame.Id est.: the same data is transmitted in two
consecutive frames.
In receive direction, HDLC controller fetches data during the time slot of the current frame and
ignores data during the same time slot of the next frame.
V 9 = 0, each V1/8 bit is taken into account once every 125ms.
V10
: DIRECT MHDLC ACCESS
If V10 = 1, the Rx HDLC Controller receives data issued from DIN8 input during the current time
slot (bits validated by V1/8) and DOUT6 output transmits data issued from the Tx HDLC
Controller.
If V10 = 0, the Rx HDLC Controller receives data issued from the matrix output 7 during the
current time slot ; DOUT6 output delivers data issued from the matrix output 6 during the same
current time slot.
N.B : If D7 = 1, (see ”General Configuration Register GCR (02)H”) the Tx HDLC controller is
connected to matrix input 7 continuously so the HDLC frames can be sent to any DOUT (i.e.
DOUT0 to DOUT7).
V11
: VALIDATION of CB pin
This bit is not taken into account if CSMA = 1 (HDLC Transmit Command Register).
if CSMA = 0 :
V11 = 1, Contention Bus pin is validated and Echo pin (which is an input) is not taken into
account.
V11 = 0, Contention Bus pin is high impedance during the current time slot (This pin is an open
drain output).
VIII.13 - HDLC Transmit Command Register - HTCR (18)H
bit15
bit8
bit7
bit 0
CH4
CH3
CH2
CH1
CH0
READ
Nu
CF
PEN
CSMA
NCRC
F
P1
P0
C1
C0
After reset (0000)H
READ : READ COMMAND MEMORY
READ = 1, READ COMMAND MEMORY.
READ = 0, WRITE COMMAND MEMORY.
CH0/4 : These five bits define one of 32 channels.
VIII - INTERNAL REGISTERS (continued)
STLC5464
62/83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com