Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5464 Datasheet(PDF) 74 Page - STMicroelectronics

Part # STLC5464
Description  MULTI-HDLCWITH n x 64 SWITCHING MATRIX ASSOCIATED
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5464 Datasheet(HTML) 74 Page - STMicroelectronics

Back Button STLC5464 Datasheet HTML 70Page - STMicroelectronics STLC5464 Datasheet HTML 71Page - STMicroelectronics STLC5464 Datasheet HTML 72Page - STMicroelectronics STLC5464 Datasheet HTML 73Page - STMicroelectronics STLC5464 Datasheet HTML 74Page - STMicroelectronics STLC5464 Datasheet HTML 75Page - STMicroelectronics STLC5464 Datasheet HTML 76Page - STMicroelectronics STLC5464 Datasheet HTML 77Page - STMicroelectronics STLC5464 Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 83 page
background image
VIII.30 - Interrupt Mask Register - IMR (3A)H
bit15
bit8
bit7
bit 0
Nu
Nu
IM13
IM12
IM11
IM10
IM9
IM8
IM7
IM6
IM5
IM4
IM3
IM2
IM1
IM0
After reset (FFFF)H
IM13/0 : INTERRUPT MASK 0/7
When IM0 = 1, HDLC bit is masked.
When IM1 =1, C/IRX bit is masked.
When IM2 = 1, MRX bit is masked.
When IM3 = 1, MTX bit is masked.
When IM4 = 1, ICOV bit is masked
When IM5 = 1, RxFWAR bit is masked.
When IM6 = 1, RxFOV bit is masked.
When IM7 = 1, TxFWAR bit is masked.
When IM8 = 1, TxFOV bit is masked.
When IM9 = 1, INTFWAR bit is masked.
When IM10 = 1, INTFOV bit is masked.
When IM11 = 1, TIM bit is masked.
When IM12 = 1, PRSR bit is masked.
When IM13 = 1, SFCO bit is masked.
VIII.31 - Time Register - TIMR (3C)H
bit15
bit8
bit7
bit 0
S3
S2
S1
S0
MS9
MS8
MS7
MS6
MS5
MS4
MS3
MS2
MS1
MS0
MM1
MM0
0 to 5s
0 to 999ms
0 to
3x0.25ms
After reset (0800)H id 512ms
This programmable register indicates the time at the end of which the Watch Dog delivers logic ”1” on the
pin WDO (which is an output) but only if the microprocessor does not reset the counter assigned (with the
help of WDR bit of IDCR Identification and Dynamic Command Register) during the time defined by the
Timer Register.
The Timer Register and its counter can be used as a time base by the microprocessor. An interrupt (TIM)
is generated at each period defined by the Timer Register if the microprocessor does not reset the counter
with the help of WDR (bit of IDCR).
When TSV=1{Time Stamping Validated (GCR)} this programmable register is not used.
VIII.32 - Test Register - TR (3E)H
bit15
bit8
bit7
bit 0
T15/0 : Test bits 0/15
These bits are reserved for the test of the circuit in production
VIII - INTERNAL REGISTERS (continued)
STLC5464
74/83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com