Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5464 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STLC5464
Description  MULTI-HDLCWITH n x 64 SWITCHING MATRIX ASSOCIATED
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5464 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STLC5464 Datasheet HTML 13Page - STMicroelectronics STLC5464 Datasheet HTML 14Page - STMicroelectronics STLC5464 Datasheet HTML 15Page - STMicroelectronics STLC5464 Datasheet HTML 16Page - STMicroelectronics STLC5464 Datasheet HTML 17Page - STMicroelectronics STLC5464 Datasheet HTML 18Page - STMicroelectronics STLC5464 Datasheet HTML 19Page - STMicroelectronics STLC5464 Datasheet HTML 20Page - STMicroelectronics STLC5464 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 83 page
background image
OTSy, OTDMq
DATA
MEMORY
n x 64kb/s
DATA
MEMORY
n x 64kb/s
DOWN STREAM
ITSy, ITDMq
UP STREAM
ITSx,ITDMp
DOWN STREAM
OTSx, OTDMp
UP STREAM
Bidirectional Connection
OTSy, OTDMq
DATA
MEMORY
n x 64kb/s
DOWN STREAM
ITSx,ITDMp
DOWN STREAM
Unidirectional Connection
p, q = 0 to 7
x, y = 0 to 31
Figure 3 : Unidirectional and Bidirectional Connections
OTSy, OTDMq
DATA
MEMORY
n x 64kb/s
DATA
MEMORY
n x 64kb/s
DOWN STREAM
ITSy, ITDMq
UP STREAM
ITSx,ITDMp
DOWN STREAM
OTSx, OTDMp
UP STREAM
OTSV
Loop
Loopback per channel relevant if bidirectional connection has been done.
p, q = 0 to 7
x, y = 0 to 31
Figure 4 : Loop Back
III - FUNCTIONAL DESCRIPTION (continued)
III.1.5 - Delay through the Matrix
III.1.5.1 - Variable Delay Mode
In the variable delay mode, the delay through the
matrix dependson the relative positions of the input
and output time slots in the frame.
So, some limits are fixed :
- the maximum delay is a frame + 2 time slots,
- the minimum delay is programmable.
Three time slots if IMTD = 1, in this case n = 2 in
the formula hereafter or two time slots if
IMTD = 0, in this case n = 1 in the same formula
(see Paragraph ”Switching Matrix Configuration
Reg SMCR (0C)H” on Page 60).
All the possibilities can be ranked in three cases :
a) If OTSy > ITSx + n then the variable delay is :
OTSy - ITSx Time slots
b) If ITSx < OTSy < ITSx + n then the variable delay
is :
OTSy - ITSx + 32 Time slots
c) OTSy < ITSx then the variable delay is :
32 - (ITSx - OTSy) Time slots.
N.B. Rule b) and rule c) are identical.
For n = 1 and n = 2, see Figure 5 on Page 18.
III.1.5.2 - Sequence Integrity Mode
In the sequence integrity mode (SI = 1, bit located
in the Connection Memory), the input time slots are
put out 2 frames later (see Figure 6 on Page 19).
In this case, the delay is definedby a single expres-
sion :
Constant Delay = (32 - ITSx) + 32 + OTSy
So, the delay in sequence integrity mode varies
from 33 to 95 time slots.
STLC5464
17/83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com