Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5464 Datasheet(PDF) 31 Page - STMicroelectronics

Part # STLC5464
Description  MULTI-HDLCWITH n x 64 SWITCHING MATRIX ASSOCIATED
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5464 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STLC5464 Datasheet HTML 27Page - STMicroelectronics STLC5464 Datasheet HTML 28Page - STMicroelectronics STLC5464 Datasheet HTML 29Page - STMicroelectronics STLC5464 Datasheet HTML 30Page - STMicroelectronics STLC5464 Datasheet HTML 31Page - STMicroelectronics STLC5464 Datasheet HTML 32Page - STMicroelectronics STLC5464 Datasheet HTML 33Page - STMicroelectronics STLC5464 Datasheet HTML 34Page - STMicroelectronics STLC5464 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 83 page
background image
III.5 - Memory Interface
III.5.1 - Function Description
The memory interface allows the connection of
Static or Dynamic RAM. The memory space ad-
dressable in the two configurationsis not the same.
In the case of dynamic memory (DRAM), the mem-
ory interface will address up to 16 Megabytes. In
case of staticmemory (SRAM) only 1 Megabytewill
be addressed. The memory location is always or-
ganized in 16 bits.
The memory is shared between the
Multi-HDLC
and the microprocessor. The access to the memory
is arbitrated by an internal function of the circuit:
the bus arbitration.
III.5.2 - Choice of memory versus microproc-
essor and capacity required
The memory interface depends on the memory
chips which are connected. As the memory chips
will be chosen versus the microprocessor and the
wanted memory space, the Table 22 presents the
different configurations.
Example 1 : if the applicationrequires 16 bit mProc-
essor and 1 Megaword Shared memory size, three
capabilities are offered :
- 4 DRAM Circuits (256Kx16) or
- 4 DRAM Circuits (1Mx4) or
- 1 DRAM Circuit (1Mx16).
Example 2 : if the application requires 8 bit mProc-
essor and 1 Megabyte Shared memory size, three
capabilities are offered:
- 2 DRAM Circuits (256Kx16) or
- 8 SRAM Circuits (128Kx8) or
- 2 SRAM Circuits (512kx8).
Example 3 : for small applications it is possible to
connect 2 SRAM Circuits (128Kx8) to obtain 256
Kilobytes shared memory.
III.5.3 - Memory Cycle
For SRAM and DRAM, the different cycles are
programmable (see Paragraph ”Memory Interface
Configuration Register MICR (32)H” on Page 71).
Each cycle is equal to : p x 1/f
with f the frequencyof signal applied to the Crystal
1 input and p selected by the user.
III - FUNCTIONAL DESCRIPTION (continued)
Table 22 : DRAM and SDRAM Selection versus
µP
Microprocessor and
shared memory
Shared memory size required by the application
8 bits
µProcessor
Number of
Megabytes
0.5
1
2
4
8
16
16 bits
µProcessor
Number of
Megawords
0.25
0.5
1
2
4
8
DRAM Circuits proposed
Capacity
Organization
4 Megabits
256Kx16
1(256Kx16)
2(256Kx16)
4(256Kx16)
1Mx4
4(1Mx4)
8(1Mx4)
16(1Mx4)
16 Megabits
1Mx16
1(1Mx16)
2(1Mx16)
4(1Mx16)
4Mx4
4(4Mx4)
8(4Mx4)
64 Megabits
4Mx16
1(4Mx16)
2(4Mx16)
SRAM Circuits proposed
Not possible
Capacity
Organization
1 Megabits
128Kx8
4(128Kx8)
8(128Kx8)
4 Megabits
512kx8
2(512kx8)
STLC5464
31/83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com