Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5464 Datasheet(PDF) 39 Page - STMicroelectronics

Part # STLC5464
Description  MULTI-HDLCWITH n x 64 SWITCHING MATRIX ASSOCIATED
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5464 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button STLC5464 Datasheet HTML 35Page - STMicroelectronics STLC5464 Datasheet HTML 36Page - STMicroelectronics STLC5464 Datasheet HTML 37Page - STMicroelectronics STLC5464 Datasheet HTML 38Page - STMicroelectronics STLC5464 Datasheet HTML 39Page - STMicroelectronics STLC5464 Datasheet HTML 40Page - STMicroelectronics STLC5464 Datasheet HTML 41Page - STMicroelectronics STLC5464 Datasheet HTML 42Page - STMicroelectronics STLC5464 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 83 page
background image
V - CLOCK TIMING (continued)
V.2 - TDM Synchronization
t1
t3
Bit 0, Time Slot 0
t7
t7
DCLK de live re d by
the Multi-HDLC
FS CG d e livere d by
the Multi-HDLC
DOUT0/7, CB
DIN0/8
The four Multiplex Configura tion Re giste rs a re a t z e ro (no d e lay be twe e n FS a nd Multiplexe s).
t8
CLOCK A (o r B)
t4
t2
t5
Bit 7, Time S lot 31
ECHO
t9
t6
Figure 28 : Synchronization Signals received by the
Multi-HDLC
Symbol
Parameter
Min.
Typ.
Max.
Unit
t1
Clock Period if 4096kHz
Clock Period if 2048kHz
Id CLOCKA or B
244
488
Id CLOCKA or B
ns
ns
t2
Delay between CLOCK A or B and DCLK (30pF)
5
30
ns
t3
Set-up Time FS/DCLK
20
t1-20
ns
t4
Hold Time FS/DCLK
20
ns
t5
Duration FS
244
125000-244
ns
t6
DCLK to Data 50pF
DCLK to Data 100pF
50
100
ns
t7
Set-up Time Data/DCLK
20
ns
t7
Hold Time Data/DCLK
20
ns
t8
Set-up Echo/DCLK (rising edge)
155
ns
t9
Hold Time Echo/DCLK (rising edge)
205
ns
STLC5464
39/83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com