Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5464 Datasheet(PDF) 54 Page - STMicroelectronics

Part # STLC5464
Description  MULTI-HDLCWITH n x 64 SWITCHING MATRIX ASSOCIATED
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5464 Datasheet(HTML) 54 Page - STMicroelectronics

Back Button STLC5464 Datasheet HTML 50Page - STMicroelectronics STLC5464 Datasheet HTML 51Page - STMicroelectronics STLC5464 Datasheet HTML 52Page - STMicroelectronics STLC5464 Datasheet HTML 53Page - STMicroelectronics STLC5464 Datasheet HTML 54Page - STMicroelectronics STLC5464 Datasheet HTML 55Page - STMicroelectronics STLC5464 Datasheet HTML 56Page - STMicroelectronics STLC5464 Datasheet HTML 57Page - STMicroelectronics STLC5464 Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 83 page
background image
VII - MICROPROCESSOR TIMING (continued)
1/f
a
t
S
t
H
TRO
TRI
MASTER CLOCK
(applied to XTAL1 P in)
a
Figure 43 : Token Ring
VII.5 - Token Ring Timing
Symbol
Parameter
Min.
Typ.
Max.
Unit
1/f
f : Masterclock frequency
32.768
MHz
a
Delay between Masterclock Rising Edge and Edges of TRO Pulse
delivered by the MHDLC (10pF)
25
ns
tS
Set-up Time TRI/Masterclock Masterclock Falling Edge
5
ns
tH
Hold Time TRI/Masterclock Falling Edge
5
0
ns
VII.6 - Master Clock Timing
Symbol
Parameter
Min.
Typ.
Max.
Unit
f
Masterclock Frequency
30
32.768
33
MHz
1/f
Masterclock Period
30.3
30.5
33.3
ns
tH
Masterclock High
12
ns
tL
Masterclock Low
12
ns
1/f
t
H
t
L
MASTER CLOCK
(applied to XTAL1 Pin)
Figure 44 : Master Clock
STLC5464
54/83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com