Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5464 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STLC5464
Description  MULTI-HDLCWITH n x 64 SWITCHING MATRIX ASSOCIATED
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5464 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STLC5464 Datasheet HTML 7Page - STMicroelectronics STLC5464 Datasheet HTML 8Page - STMicroelectronics STLC5464 Datasheet HTML 9Page - STMicroelectronics STLC5464 Datasheet HTML 10Page - STMicroelectronics STLC5464 Datasheet HTML 11Page - STMicroelectronics STLC5464 Datasheet HTML 12Page - STMicroelectronics STLC5464 Datasheet HTML 13Page - STMicroelectronics STLC5464 Datasheet HTML 14Page - STMicroelectronics STLC5464 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 83 page
background image
I.2 - Pin Description (continued)
Pin N
°
Symbol
Type
Function
MICROPROCESSOR INTERFACE (continued)
51
NLDS
I3
Lower Data Strobe (68000)
52
NUDS
I3
Bus High Enable (Intel) / Upper Data Strobe (68000)
53
NDTACK
O8D
Data Transfer Acknowledge (68000)
54
READY
O8T
Data Transfer Acknowledge (Intel)
55
NAS/ALE
I3
Address Strobe(Motorola) / Addresss Latch Enable(Intel)
56
R/W / NWR
I3
Read/Write (Motorola) / Write(Intel)
57
NDS/NRD
I3
Data Strobe (Motorola) /Read Data (Intel)
63
A0/AD0
I/O
Address bit 0 (Motorola) / Address/Data bit 0 (Intel)
64
A1/AD1
I/O
Address bit 1 (Motorola) / Address/Data bit 1 (Intel)
65
A2/AD2
I/O
Address bit 2 (Motorola) / Address/Data bit 2 (Intel)
66
A3/AD3
I/O
Address bit 3 (Motorola) / Address/Data bit 3 (Intel)
67
A4/AD4
I/O
Address bit 4 (Motorola) / Address/Data bit 4 (Intel)
68
A5/AD5
I/O
Address bit 5 (Motorola) / Address/Data bit 5 (Intel)
69
A6/AD6
I/O
Address bit 6 (Motorola) / Address/Data bit 6 (Intel)
70
A7/AD7
I/O
Address bit 7 (Motorola) / Address/Data bit 7 (Intel)
71
A8/AD8
I/O
Address bit 8 (Motorola) / Address/Data bit 8 (Intel)
72
A9/AD9
I/O
Address bit 9 (Motorola) / Address/Data bit 9 (Intel)
75
A10/AD10
I/O
Address bit 10 (Motorola) / Address/Data bit 10 (Intel)
76
A11/AD11
I/O
Address bit 11 (Motorola) / Address/Data bit 11 (Intel)
77
A12/AD12
I/O
Address bit 12 (Motorola) / Address/Data bit 12 (Intel)
78
A13/AD13
I/O
Address bit 13 (Motorola) / Address/Data bit 13 (Intel)
79
A14/AD14
I/O
Address bit14 (Motorola) / Address/Data bit 14 (Intel)
80
A15/AD15
I/O
Address bit15 (Motorola) / Address/Data bit 15 (Intel)
81
A16
I1
Address bit16 (Motorola) / Address bit 16 (Intel)
82
A17
I1
Address bit17 (Motorola) / Address bit 17 (Intel)
83
A18
I1
Address bit18 (Motorola) / Address bit 18 (Intel)
84
A19
I1
Address bit19 (Motorola) / Address bit 19 (Intel)
85
A20/ADM15
I/O
Address bit 20 from
µP (input) / Address bit 15 for SRAM (output)
86
A21/ADM16
I/O
Address bit 21 from
µP (input) / Address bit 16 for SRAM (output)
87
A22/ADM17
I/O
Address bit 22 from
µP (input) / Address bit 17 for SRAM (output)
88
A23/ADM18
I/O
Address bit 23 from
µP (input) / Address bit 18 for SRAM (output)
91
DO
I/O
Data bit 0 for
µP if not multiplexed (see Note 1).
92
D1
I/O
Data bit 1 for
µP if not multiplexed
93
D2
I/O
Data bit 2 for
µP if not multiplexed
94
D3
I/O
Data bit 3 for
µP if not multiplexed
95
D4
I/O
Data bit 4 for
µP if not multiplexed
96
D5
I/O
Data bit 5 for
µP if not multiplexed
97
D6
I/O
Data bit 6 for
µP if not multiplexed
98
D7
I/O
Data bit 7 for
µP if not multiplexed
99
D8
I/O
Data bit 8 for
µP if not multiplexed
Type : I1 = Input TTL ;
I2 = I1 + Pull-up ;
I3 = I1 + Hysteresis ;
I4 = I3 + Pull-up ;
O4 = Output CMOS 4mA ;
O4T = O4 + Tristate ;
O8 = Output CMOS 8mA, ”1” and ”0” at Low Impedance ;
O8D = Output CMOS 8mA, Open Drain ;
O8DT = Output CMOS 8mA, Open Drain or Tristate ;
O8T = Output CMOS 8mA, Tristate
I - PIN INFORMATION (continued)
STLC5464
11/83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com