Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5464 Datasheet(PDF) 76 Page - STMicroelectronics

Part # STLC5464
Description  MULTI-HDLCWITH n x 64 SWITCHING MATRIX ASSOCIATED
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5464 Datasheet(HTML) 76 Page - STMicroelectronics

Back Button STLC5464 Datasheet HTML 72Page - STMicroelectronics STLC5464 Datasheet HTML 73Page - STMicroelectronics STLC5464 Datasheet HTML 74Page - STMicroelectronics STLC5464 Datasheet HTML 75Page - STMicroelectronics STLC5464 Datasheet HTML 76Page - STMicroelectronics STLC5464 Datasheet HTML 77Page - STMicroelectronics STLC5464 Datasheet HTML 78Page - STMicroelectronics STLC5464 Datasheet HTML 79Page - STMicroelectronics STLC5464 Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 83 page
background image
IX.2 - Receive Descriptor
This receive descriptor is located in shared memory. The quantity of descriptors is limited by the memory
size only.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RDA+00
IBC
EOQ
Size Of the Buffer (SOB)
0
RDA+02
Not used
RBA High (8 bits)
RDA+04
Receive Buffer Address Low (16 bits)
RDA+06
Not used
NRDA High (8 bits)
RDA+08
Next Receive Descriptor Address Low (16 bits)
RDA+10
FR
ABT
OVF
FCRC
Number of Bytes Received (NBR)
The 5 first words located in shared memory to RDA+00 from RDA+08 are written by the microprocessor
and read by the DMAC only. The 6th word located in shared memory in RDA+10 is written by the DMAC
only during the frame reception and read by the microprocessor.
SOB
: Size Of the Buffer associated to descriptor up to 2048 words (1 word = 2 bytes).
If SOB = 0, DMAC goes to next descriptor.
RBA
: Receive Buffer Address. LSB of RBA Low is at Zero mandatory.
RDA
: Receive Descriptor Address.
NRDA : Next Receive Descriptor Address. LSB of NRDA Low is at Zero mandatory.
NBR
: Number of Bytes Received (up to 4096).
IX.2.1 - Bits written by the Microprocessor only
IBC
: Interrupt if the buffer has been completed.
IBC=1, the DMAC generates an interrupt if the buffer has been completed.
EOQ
: End Of Queue.
EOQ=1, the DMAC stops immediately its reception generates an interrupt (HDLC = 1 in IR) and
waits a command from the HRCR (HDLC Receive Command Register).
EOQ=0, the DMAC continues.
IX.2.2 - Bits written by the Rx DMAC only
FR
ABT
OVF
FCRC
Definition
1
0
0
0
The frame has been received without error. The end of frame is in this buffer.
1
0
0
1
The frame has been received with false CRC.
0
0
0
0
If NBR is different to 0, the buffer related to this descriptor is completed.The end
of frame is not in this buffer.
0
0
0
0
If NBR is equal to 0, the Rx DMAC is receiving a frame.
0
1
0
0
ABORT. The received frame has been aborted by the remote transmitter or the
local microprocessor.
0
1
1
0
OVERFLOW of FIFO. The received frame has been aborted.
0
1
0
1
The received frame had not an integer of bytes.
IX.2.3 - Receive Buffer
Each receive buffer is defined by its receive descriptor.
The maximum size of the buffer is 2048 words (1 word=2 bytes)
15
0
RBA
First Buffer Location
RBA + SOB-2
Last Location Available = Recive Buffer Address (RBA) + Size Of the Buffer (SOB-2)
IX - EXTERNAL REGISTERS (continued)
STLC5464
76/83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com