Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5464 Datasheet(PDF) 41 Page - STMicroelectronics

Part # STLC5464
Description  MULTI-HDLCWITH n x 64 SWITCHING MATRIX ASSOCIATED
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5464 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button STLC5464 Datasheet HTML 37Page - STMicroelectronics STLC5464 Datasheet HTML 38Page - STMicroelectronics STLC5464 Datasheet HTML 39Page - STMicroelectronics STLC5464 Datasheet HTML 40Page - STMicroelectronics STLC5464 Datasheet HTML 41Page - STMicroelectronics STLC5464 Datasheet HTML 42Page - STMicroelectronics STLC5464 Datasheet HTML 43Page - STMicroelectronics STLC5464 Datasheet HTML 44Page - STMicroelectronics STLC5464 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 83 page
background image
V - CLOCK TIMING (continued)
V.4 - V* Interface
CH0
CH1
CH7
B1
B2
MON
D
C/I AT
125
µs
t1
t3
Bit 3, Time S lot 31
t3
t7
t7
FS re ce ived by
th e Multi-HDLC
DIN4/5
DOUT4/5
DCLK de livere d by
th e Multi-HDLC
FSCV* de live re d by
th e Multi-HDLC
DOUT0/7, CB
if FSCG is conne cte d to FS
DIN0/8
Th e four Multiple x Configura tion Re giste rs a re a t z e ro (no de la y be twe e n FS a nd Multiple xe s ).
GCI Ch a nn e l
Figure 30 : V* Synchronization Signal delivered by the
Multi-HDLC
Symbol
Parameter
Min.
Typ.
Max.
Unit
t1
Clock Period 4096kHz
244
ns
t3
DCLK to FSCV*
20
ns
t5
Duration FSCV*
244
ns
t6
Clock to Data 50pF
Clock to Data 100pF
50
100
ns
nS
t7
Set-up Time Data/DCLK
20
ns
t7
Hold Time Data/DCLK
20
ns
STLC5464
41/83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com