Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5464 Datasheet(PDF) 26 Page - STMicroelectronics

Part # STLC5464
Description  MULTI-HDLCWITH n x 64 SWITCHING MATRIX ASSOCIATED
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5464 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STLC5464 Datasheet HTML 22Page - STMicroelectronics STLC5464 Datasheet HTML 23Page - STMicroelectronics STLC5464 Datasheet HTML 24Page - STMicroelectronics STLC5464 Datasheet HTML 25Page - STMicroelectronics STLC5464 Datasheet HTML 26Page - STMicroelectronics STLC5464 Datasheet HTML 27Page - STMicroelectronics STLC5464 Datasheet HTML 28Page - STMicroelectronics STLC5464 Datasheet HTML 29Page - STMicroelectronics STLC5464 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 83 page
background image
III.2.5 - Transparent Modes
In the transparentmode, the
Multi-HDLC transmits
data in a completely transparent manner without
performing any bit manipulation or Flag insertion.
The transparent mode is per byte function.
Two transparent modes are offered :
- First mode : for the receive channels, the
Multi-HDLC continuously writes received bytes
into the external memory as specified in the cur-
rent receive descriptor without taking into account
the Fill Character Register.
- Secondmode : the Fill Character Register specifies
the ”fill character” which must be taken into account.
In reception,the ”fill character” will not be transferred
to theexternalmemory. The detectionof ”Fill charac-
ter” marks the end of a message and generates an
interruptifBINT= 1 (see TransmitDescriptoronPage
78). When the ”Fill character”is not detected a new
message is receiving.
As for the HDLC mode the correspondence
between the physical time slot and the logical
channel is fully defined in the Time Slot Assigner
memory (Time slot used or not used, logical chan-
nel number, source, destination).
III.2.6 - Command of the HDLC Channels
The microprocessor is able to control each HDLC
receive and transmit channel. Some of the com-
mands are specific to the transmission or the re-
ception but others are identical.
III.2.6.1 - Reception Control
The configuration of the controller operating mode
is: HDLC mode or Transparent mode.
The control of the controller: START, HALT, CON-
TINUE, ABORT.
- START : On a start command, the RxDMA con-
troller reads the address of the first descriptor in
the initialization block memory and is ready to
receive a frame.
- HALT : For overloading reasons, the microproc-
essor can decide to halt the reception. The DMA
controller finishes transfer of the current frame to
external memory and stops. The channel can be
restarted on CONTINUE command.
- CONTINUE : The reception restarts in the next
descriptor.
- ABORT: On an abort command, the reception is
instantaneously stopped. The channel can be
restarted on a START or CONTINUE command.
Reception of FLAG (01111110) or IDLE (11111111)
between Frames.
Address recognition. The microprocessor defines
the addressesthat the Rx controller has to take into
account.
In transparent mode: ”fill character” register se-
lected or not.
III.2.6.2 - Transmission Control
The configuration of the controller operating mode
is : HDLC mode or Transparent mode.
The control of the controller : START, HALT, CON-
TINUE, ABORT.
- START : On a start command, the Tx DMA control-
ler reads the address of the first descriptor in the
initialization block memory and tries to transmit the
first frame if End Of Queue is not at ”1”.
- HALT : The transmitter finishes to send the cur-
rent frame and stops.The channel can be restart-
ed on a CONTINUE command.
- CONTINUE : if the CONTINUE command occurs
after HALT command, the HDLC Transmitter re-
starts by transmitting the next buffer associated
to the next descriptor.
If the CONTINUE command occurs after an
ABORT command which has occurred during a
frame, the HDLC transmitter restarts by transmit-
ting the frame which has been effectively aborted
by the microprocessor.
- ABORT: On an abort command, the transmission
of the current frame is instantaneously stopped,
an ABORT sequence ”1111111” is sent, followed
by IDLE or FLAG bytes. The channel can be
restarted on a START or CONTINUE command.
Transmission of FLAG (01111110 ) or IDLE
(111111111)between frames can be selected.
CRC can be generated or not. If the CRC is not
generated by the HDLC Controller, it must be lo-
cated in the shared memory.
In transparentmode: ”fill character” register can be
selected or not.
III.3 - C/I and Monitor
III.3.1 - Function Description
The Multi-HDLC is able to operate both GCI and V*
links. The TDM DIN/DOUT 4 and 5 are internally
connected to the CI and Monitor receivers/trans-
mitters. Since the controllers handle up to 16 CI and
16
Monitor channels simultaneously, the
Multi-
HDLC can manage up to 16 level 1 circuits.
The
Multi-HDLC can be used to support the CI and
monitor channels based on the following proto-
cols :
- ISDN V* protocol
- ISDN GCI protocol
- Analog GCI protocol.
III - FUNCTIONAL DESCRIPTION (continued)
STLC5464
26/83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com