Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5464 Datasheet(PDF) 63 Page - STMicroelectronics

Part # STLC5464
Description  MULTI-HDLCWITH n x 64 SWITCHING MATRIX ASSOCIATED
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5464 Datasheet(HTML) 63 Page - STMicroelectronics

Back Button STLC5464 Datasheet HTML 59Page - STMicroelectronics STLC5464 Datasheet HTML 60Page - STMicroelectronics STLC5464 Datasheet HTML 61Page - STMicroelectronics STLC5464 Datasheet HTML 62Page - STMicroelectronics STLC5464 Datasheet HTML 63Page - STMicroelectronics STLC5464 Datasheet HTML 64Page - STMicroelectronics STLC5464 Datasheet HTML 65Page - STMicroelectronics STLC5464 Datasheet HTML 66Page - STMicroelectronics STLC5464 Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 83 page
background image
C1/C0 : COMMAND BITS
C1
C0
Commands Bits
0
0
ABORT ; if this command occurs during the current frame, HDLC Controller transmits seven ”1”
immediately, afterwards HDLC Controller transmits ”1” or flag in accordance with F bit, generates
an interrupt and waits new command such as START orn CONTINUE.
If this command occurs after transmitting a frame, HDLC Controller generates an interrupt and
waits a new command such as START or CONTINUE.
0
1
START ; Tx DMA Controller is now going to transfer first frame from buffer related to initial
descriptor. The initial descriptor address is provided by the Initiate Block located in external
memory.
1
0
CONTINUE ; Tx DMA Controller is now going to transfer next frame from buffer related to next
descriptor. The next descriptor address is provided by the previous descriptor from which the
related frame had been already transmitted.
1
1
HALT ; after transmitting frame, HDLC Controller transmits ”1” or flag in accordance with F bit,
generates an interrupt and is waiting new command such as START or CONTINUE.
P0/1
: PROTOCOL BITS
P1
P0
Transmission Mode
0
0
HDLC
0
1
Transparent Mode 1 (per byte) ; the fill character defined in FCR Register is taken into account.
1
0
Transparent Mode 2 (per byte) ; the fill character defined in FCR Register is not taken into account.
1
1
Reserved
F
: Flag
F = 1 ; flags are transmitted between closing flag of current frame and opening flag of next frame.
F = 0 ; ”1” are transmitted between closing flag of current frame and opening flag of next frame.
NCRC : CRC NOT TRANSMITTED
NCRC = 1, the CRC is not transmitted at the end of the frame.
NCR C =0, the CRC is transmitted at the end of the frame.
CSMA : Carrier Sense Multiple Access with Contention Resolution
CSMA = 1, CB output and the Echo Bit are taken into account during this channel transmission
by the Tx HDLC.
CSMA = 0, CB output and the Echo Bit are defined by V11 (see ” Time slot Assigner Data
Register TADR (16)H”).
PEN
: CSMA PENALTY significant if CSMA = 1
PEN = 1, the penalty value is 1 ; a transmitter which has transmitted a frame correctly will count
(PRI +1) logic one received from Echo pin before transmitting next frame. (PRI, priority class 8
or 10 given by the buffer descriptor related to the frame.
PEN = 0, the penalty value is 2 ; a transmitter which has transmitted a frame correctly will count
(PRI +2) logic one received from Echo pin before transmitting next frame. (PRI, priority class 8
or 10 given by the transmit descriptor related to the frame).
CF
: Common flag
CF = 1, the closing flag of previous frame and opening flag of next frame are identical if the next
frame is ready to be transmitted.
CF = 0, the closing flag of previous frame and opening flag of next frame are distinct.
VIII - INTERNAL REGISTERS (continued)
STLC5464
63/83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com