Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5464 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STLC5464
Description  MULTI-HDLCWITH n x 64 SWITCHING MATRIX ASSOCIATED
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5464 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STLC5464 Datasheet HTML 2Page - STMicroelectronics STLC5464 Datasheet HTML 3Page - STMicroelectronics STLC5464 Datasheet HTML 4Page - STMicroelectronics STLC5464 Datasheet HTML 5Page - STMicroelectronics STLC5464 Datasheet HTML 6Page - STMicroelectronics STLC5464 Datasheet HTML 7Page - STMicroelectronics STLC5464 Datasheet HTML 8Page - STMicroelectronics STLC5464 Datasheet HTML 9Page - STMicroelectronics STLC5464 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 83 page
background image
LIST OF FIGURES
Page
I
PIN INFORMATION . . . . ...... ... . . . . . . . . . . . . . . . . ..... ..... ..... .... . . ..
8
II
BLOCK DIAGRAM . . . . ...... ... . . . . . . . . . . . . . . . . ..... ..... ..... .... . . ..
14
Figure 1
: General Block Diagram . . . . . . . . . . . . . . . . . . . . . . . .... ..... ..... . .
14
III
FUNCTIONAL DESCRIPTION . . . . ...... ... ..... . . ... .. . . . . ..... ..... ....
15
Figure 2
: Switching Matrix Data Path . . . . . . . .... . . ... . . ... . . .... ..... ....
16
Figure 3
: Unidirectional and Bidirectional Connections . . . . . . . . . ..... .... . . ..
17
Figure 4
: Loop Back . . . . ...... ... . . . . . . .... .. . . . . ..... ..... ..... .... .
17
Figure 5
: Variable Delay through the matrix with ITDM = 1 . . . . . . . . . ..... .... .
18
Figure 6
: Variable Delay through the matrix with ITDM = 0 . . . . . . . . . ..... .... .
19
Figure 7
: Constant Delay through the matrix with SI = 1 . . . . . . . . . . . . . . . . . . . . .
20
Figure 8
: HDLC and DMA Controller Block Diagram . . . . . . . . . . . . . . . . . . . . . . . .
22
Figure 9
: Structure of the Receive Circular Queue . . . . . . . . . ..... .... . . ... ..
25
Figure 10 : Structure of the Transmit Circular Queue . . . . . . . . . ..... .... . . ... ..
25
Figure 11 : D, C/I and Monitor Channel Path . . . . . . . . . ..... .... . . ... .. . . . . . .
28
Figure 12 :
Multi-HDLC connected to
µP with multiplexed buses . . . . . . . . . ..... ..
29
Figure 13 :
Multi-HDLC connected to
µP with non-multiplexed buses . . . . . . . . . . . .
29
Figure 14 : Microprocessor Interface for INTEL 80C188 . . . . . . .... ..... . . .. . . ..
29
Figure 15 : Microprocessor Interface for INTEL 80C186 . . . . . . .... ..... . . .. . . ..
29
Figure 16 : Microprocessor Interface for MOTOROLA 68000 . . . . . . . . . ..... .... .
30
Figure 17 : Microprocessor Interface for ST9 . . . . . . . . . ..... .... . . ... .. . . . . . .
30
Figure 18 : 128K x 8 SRAM Circuit Memory Organization . . . . . . . . . . . . . . . . . . . . .
32
Figure 19 : 512K x 8 SRAM Circuit Memory Organization . . . . . . . . . . . . . . . . . . . . .
32
Figure 20 : 256K x 16 DRAM Circuit Organization . . . . . . . . . . . . . . . . . . . . . . . ....
32
Figure 21 : 1M x 16 DRAM Circuit Organization . . . . . . .... ..... . . .. . . .... . . ..
33
Figure 22 : 4M x 16 DRAM Circuit Organization . . . . . . .... ..... . . .. . . .... . . ..
33
Figure 23 : Chain of n
Multi-HDLC Components . . . . . . .... ..... . . .. . . .... . . ..
33
Figure 24 : MHDLC Clock Generation . . . . .... ...... .... . . ... .. . . . . ..... ...
34
Figure 25 : VCXO Frequency Synchronization . . . . . . . . . . . . . . . . . . . . . . . .... ...
35
Figure 26 : The Three Circular Interrupt Memories . . . . . . . . . . . . . . . . . . . . . . . ....
36
IV
DC SPECIFICATIONS . .... . . . ... ..... ..... .... . . .. . . .... . . .. . . .... . . ...
37
V
CLOCK TIMING . . . . ...... ... . . . . . . . . ... ... . . ..... ..... ..... .... . . ... . .
38
Figure 27 : Clocks received and delivered by the
Multi-HDLC . . . ... . . ... . . ... . .
38
Figure 28 : Synchronization Signals received by the
Multi-HDLC ... . . .. . . ..... ..
39
Figure 29 : GCI Synchro Signal delivered by the
Multi-HDLC ... . . .. . . ..... .... .
40
Figure 30 : V* Synchronization Signal delivered by the
Multi-HDLC . ... . . .... ....
41
VI
MEMORY TIMING . .... . . . ... ..... ...... .. .. . . . . . .... . . .. . . .... . . ... .. .
42
Figure 31 : Dynamic Memory Read Signals from the
Multi-HDLC . . . ... . . ... . . ..
42
Figure 32 : Dynamic Memory Write Signals from the
Multi-HDLC . . . ... . . ... . . ..
43
Figure 33 : Static Memory Read Signals from the
Multi-HDLC . . . ... . . ... . . ... . .
44
Figure 34 : Static Memory Write Signals from the
Multi-HDLC . . . ... . . ... . . ... . .
45
STLC5464
6/83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com