Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5464 Datasheet(PDF) 34 Page - STMicroelectronics

Part # STLC5464
Description  MULTI-HDLCWITH n x 64 SWITCHING MATRIX ASSOCIATED
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5464 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button STLC5464 Datasheet HTML 30Page - STMicroelectronics STLC5464 Datasheet HTML 31Page - STMicroelectronics STLC5464 Datasheet HTML 32Page - STMicroelectronics STLC5464 Datasheet HTML 33Page - STMicroelectronics STLC5464 Datasheet HTML 34Page - STMicroelectronics STLC5464 Datasheet HTML 35Page - STMicroelectronics STLC5464 Datasheet HTML 36Page - STMicroelectronics STLC5464 Datasheet HTML 37Page - STMicroelectronics STLC5464 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 83 page
background image
III - FUNCTIONAL DESCRIPTION (continued)
III.7 - Clock Selection and Time Synchronization
III.7.1 - Clock Distribution Selection
and Supervision
Two clock distributions are available : Clock at
4.096MHzor 8.192MHz and a synchronization sig-
nal at 8kHz. The component has to select one of
these two distributions and to check its integrity
(see Figure 25 and Paragraph ”General Configura-
tion Register GCR (02)H” on Page 57).
DCLK, FSCGCI and FSCV* are output on three
external pins of the
Multi-HDLC. DCLK is the clock
selected between Clock A and Clock B. FSCGCI
and FSCV* are functions of the selected distribu-
tion and respect the GCI and V* frame synchroni-
zation specifications.
The supervision of the clock distribution consists of
verifying its availability. The detection of the clock
absence is done in less than 250
µs. In case the
clock is absent, an interrupt is generated with a
4kHz recurrence. Then the clock distribution is
switched by the microprocessor. This change of
clock occurs on a falling edge of the new selected
distribution.
Depending on the applications, three different sig-
nals of synchronization (GCI, V* or Sy) can be
provided to the component. The clock A/B fre-
quency can be a 4096 or 8192kHz clock. The
component is informed of the synchronization and
clocks that are connected by software.The timings
of the different synchronization are given Page 38.
III.7.2 - VCXO Frequency Synchronization
An external VCXO can be used to provide a clock
to the transmission components. This clock is con-
trolled by the main clock distribution (Clock A or
Clock B at 4096kHz). As the clock of the transmis-
sion component is 15360 or 16384kHz,a configur-
able function is necessary.
The VCXO frequency is divided by P (30 or 32) to
provide a common sub-multiple (512kHz) of the
reference frequency CLOCKA or CLOCKB
(4096kHz). The comparison of these two signals
gives an error signal which commands the VCXO.
Two external pins are needed to perform this func-
tion : VCXO-IN and VCXO-OUT (see Figure 26 on
Page 35).
CLOCK B
FRAME B
CLOCK A
FS CV*
FS CGCI
DCLK
To the interna l
MHDLC
Fra me
Clock
RE F. CLOCK
RE S ET
INT1
HCL
Clock
S upervision
De a ctivation
(CS D)
Aor B
Se lecte d
(BS EL)
Select A or B
(S ELB)
CLOCK S ELECTION
At RES ET
FRAME A a nd CLOCK A
a re s elected
Clock Lack
De te ction
from 250
µs
CLOCK
ADAP TATION
SYN0
S YN1
GENERAL CONFIGURATION REGISTER (GCR)
FRAME A
Figure 24 : MHDLC Clock Generation
STLC5464
34/83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com