Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5464 Datasheet(PDF) 33 Page - STMicroelectronics

Part # STLC5464
Description  MULTI-HDLCWITH n x 64 SWITCHING MATRIX ASSOCIATED
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5464 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STLC5464 Datasheet HTML 29Page - STMicroelectronics STLC5464 Datasheet HTML 30Page - STMicroelectronics STLC5464 Datasheet HTML 31Page - STMicroelectronics STLC5464 Datasheet HTML 32Page - STMicroelectronics STLC5464 Datasheet HTML 33Page - STMicroelectronics STLC5464 Datasheet HTML 34Page - STMicroelectronics STLC5464 Datasheet HTML 35Page - STMicroelectronics STLC5464 Datasheet HTML 36Page - STMicroelectronics STLC5464 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 83 page
background image
III - FUNCTIONAL DESCRIPTION (continued)
1
NRAS0
3
NRAS1
0
2
DM8/15
DM0/7
4M x 16
NCAS 1
NCAS 0
ADM0/10, NWE, NOE a re conne cte d to e a ch circuit
Figure 22 : 4M x 16 DRAM Circuit Organization
7
NRAS3
5
NRAS2
1
NRAS0
3
NRAS1
6
4
0
2
DM8/15
DM0/7
1M x 16
NCAS1
NCAS0
ADM0/9, NWE, NOE a re conne cted to e a ch circuit
Figure 21 : 1M x 16 DRAM Circuit Organization
µP
MHDLC 0
RAM
µP Bus
RAM Bus
TR O
TR I
MHDLC 1
TR O
TR I
MHDLC n
TR O
TR I
Figure 23 : Chain of n
Multi-HDLC Components
III.5.5.2 - 1M x n DRAM Signals
Signals
A22
A20
A0 or equiv.
NRAS3
1
1
NRAS2
1
0
NRAS1
0
1
NRAS0
0
0
NCAS1
1
NCAS0
0
The Address bits delivered by the
Multi-HDLC for
1M x n DRAM circuits are :
ADM0/9 (2 x 10 = 18 bits) correspondingwith A1/20
delivered by the
µP.
III.5.5.3 - 4M x n DRAM Signals
Signals
A23
A0 or equiv.
NRAS1
1
NRAS0
0
NCAS1
1
NCAS0
0
The Address bits delivered by the
Multi-HDLC for
4M x n DRAM circuits are :
ADM0/10 (2 x 11 = 22 bits) corresponding with
A1/22 delivered by the
µP.
III.6 - Bus Arbitration
The Bus arbitration function arbitrates the access
to the bus between different entities of the circuit.
Those entities which can call for the bus are the
following :
- The receive DMA controller,
- The microprocessor,
- The transmit DMA controller,
- The Interrupt controller,
- The memory interface for refreshing the DRAM.
This list gives the memory access priorities per
default.
If the treatment of more than 32 HDLC channels is
required by the application, it is possible to chain
several
Multi-HDLC components.That is done with
two external pins (TRI, TRO) and a token ring
system.
The TRI, TRO signals are managed by the bus
arbitration function too. When a chip has finished
its tasks, it sends a pulse of 30 ns to the next chip.
STLC5464
33/83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com