Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5464 Datasheet(PDF) 64 Page - STMicroelectronics

Part # STLC5464
Description  MULTI-HDLCWITH n x 64 SWITCHING MATRIX ASSOCIATED
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5464 Datasheet(HTML) 64 Page - STMicroelectronics

Back Button STLC5464 Datasheet HTML 60Page - STMicroelectronics STLC5464 Datasheet HTML 61Page - STMicroelectronics STLC5464 Datasheet HTML 62Page - STMicroelectronics STLC5464 Datasheet HTML 63Page - STMicroelectronics STLC5464 Datasheet HTML 64Page - STMicroelectronics STLC5464 Datasheet HTML 65Page - STMicroelectronics STLC5464 Datasheet HTML 66Page - STMicroelectronics STLC5464 Datasheet HTML 67Page - STMicroelectronics STLC5464 Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 83 page
background image
VIII.14 - HDLC Receive Command Register - HRCR (1A)H
bit15
bit8
bit7
bit 0
CH4
CH3
CH2
CH1
CH0
READ
AR21
AR20
AR11
AR10
CRC
Nu
P1
P0
C1
C0
After reset (0000)H
READ : READ COMMAND MEMORY
READ = 1, READ COMMAND MEMORY.
READ = 0, WRITE COMMAND MEMORY.
CH0/4 : These five bits define one of 32 channels.
C1/C0 : COMMAND
C1
C0
Commands Bits
0
0
ABORT ; if this command occurs during receiving a current frame, HDLC Controller stops the
reception, generates an interrupt and waits new command such as START orn CONTINUE.
If this command occurs after receiving a frame, HDLC Controller generates an interrupt and waits
a new command such as START or CONTINUE.
0
1
START ; Rx DMA Controller is now going to transfer first frame into buffer related to the initial
descriptor. The initial descriptor address is provided by the Initiate Block located in external
memory.
1
0
CONTINUE ; Rx DMA Controller is now going to transfer next frame into buffer related to next
descriptor. The next descriptor address is provided by the previous descriptor from which the
related frame had been already received.
1
1
HALT ; after receiving frame, HDLC Controller stops the reception, generates an interrupt and
waits a new command such as START or CONTINUE.
P0/1
: PROTOCOL BITS
P1
P0
Transmission Mode
0
0
HDLC
0
1
Transparent Mode 1 (per byte) ; the fill character defined in FCR Register is taken into account.
1
0
Transparent Mode 2 (per byte) ; the fill character defined in FCR Register is not taken into account.
1
1
Reserved
CRC
: CRC stored in external memory
CRC = 1, the CRC is stored at the end of the frame in external memory.
CRC = 0, the CRC is not stored into external memory.
AR10
: Address Recognition10
AR10 = 1, First byte after opening flag of received frame is compared to AF0/7 bits of AFRDR.
If the first byte received and AF0/7 bits are not identical the frame is ignored.
AR10 = 0, First byte after opening flag of receivedframe is not compared to AF0/7 bits of AFRDR
Register.
AR11
: Address Recognition 11
AR11 = 1, First byte after opening flag of received frame is compared to all ”1”s.If the first byte
received is not all ”1”s the frame is ignored.
AR11 = 0, First byte after opening flag of received frame is not compared to all ”1”s.
AR20
: Address Recognition 20
AR20 = 1, Secondbyte after opening flag of received frame is comparedto AF8/15bits of AFRDR
Register. If the second byte received and AF8/15 bits are not identical the frame is ignored.
AR20 = 0, Second byte after opening flag of received frame is not compared to AF8/15 bits of
AFRDR Register.
VIII - INTERNAL REGISTERS (continued)
STLC5464
64/83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com