Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5464 Datasheet(PDF) 66 Page - STMicroelectronics

Part # STLC5464
Description  MULTI-HDLCWITH n x 64 SWITCHING MATRIX ASSOCIATED
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5464 Datasheet(HTML) 66 Page - STMicroelectronics

Back Button STLC5464 Datasheet HTML 62Page - STMicroelectronics STLC5464 Datasheet HTML 63Page - STMicroelectronics STLC5464 Datasheet HTML 64Page - STMicroelectronics STLC5464 Datasheet HTML 65Page - STMicroelectronics STLC5464 Datasheet HTML 66Page - STMicroelectronics STLC5464 Datasheet HTML 67Page - STMicroelectronics STLC5464 Datasheet HTML 68Page - STMicroelectronics STLC5464 Datasheet HTML 69Page - STMicroelectronics STLC5464 Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 83 page
background image
VIII.16 - Address Field Recognition Data Register - AFRDR (1E)H
bit15
bit8
bit7
bit 0
AF15
AF14 AF13
AF12 AF11
AF10
AF9
AF8
AF7
AF6
AF5
AF4
AF3
AF2
AF1
AF0
After reset (0001)H
AF0/15 : ADDRESS FIELD BITS
AF0/7 ; First byte received; AF8/15: Second byte received.
These two bytes are stored into Address Field Recognition Memory when AFRAR is written by
the microprocessor.
VIII.17 - Fill Character Register - FCR (20)H
bit15
bit8
bit7
bit 0
r
e
s
e
r
v
e
d
FC7
FC6
FC5
FC4
FC3
FC2
FC1
FC0
After reset (0000)H
FC0/7 : FILL CHARACTER (eight bits)
In Transparent Mode M1, twomessages are separatedby FILLCHARACTERS andthe detection
of one FILL CHARACTER marks the end of a message.
VIII.18 - GCI Channels Definition Register 0 - GCIR0 (22)H
The definitions of x and y indices are the same for GCIR0, GCIR1, GCIR2, GCIR3 :
-0
≤ x ≤ 7, 1 of 8 GCI CHANNELS belonging to the same multiplex TDM4 or TDM5
- y = 0, TDM4 is selected
- y = 1, TDM5 is selected.
bit15
bit8
bit7
bit 0
ANA11 VCI11 V*11 VM11 ANA10 VCI10 V*10 VM10 ANA01 VCI01 V*01 VM01 ANA00 VCI00 V*00 VM00
TDM5
TDM4
TDM5
TDM4
GCI CHANNEL 1
GCI CHANNEL 0
After reset (0000)H
VMxy
: VALIDATION of MONITOR CHANNELx, MULTIPLEX y :
When this bit is at 1, monitor channel xy is validated.
When this bit is at 0, monitor channel xy is not validated.
On line to reset (if necessary) one MON channel which had been selected previously VMxy must
be put at 0 during 125ms before reselecting this channel. Deselecting one MON channel during
125ms resets this MON channel.
V*xy
: VALIDATION of V Starx, MULTIPLEX y
When this bit is at 1, V Star protocol is validated if VMxy=1.
When this bit is at 0, GCI Monitor protocol is validated if VMxy=1.
VCxy
: VALIDATION of Command/Indicate CHANNEL x, MULTIPLEXy
When this bit is at 1, Command/Indicate channelxy is validated.
When this bit is at 0, Command/Indicate channelxy is not validated.
It is necessary to let VCxy at ”0” during 125ms to initiate the Command/Indicate channel.
ANAxy : ANALOG APPLICATION
When this bit is at 1, Primitive has 6 bits if C/Ixy is validated.
When this bit is at 0, Primitive has 4 bits if C/Ixy is validated.
VIII - INTERNAL REGISTERS (continued)
STLC5464
66/83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com