Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5464 Datasheet(PDF) 61 Page - STMicroelectronics

Part # STLC5464
Description  MULTI-HDLCWITH n x 64 SWITCHING MATRIX ASSOCIATED
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5464 Datasheet(HTML) 61 Page - STMicroelectronics

Back Button STLC5464 Datasheet HTML 57Page - STMicroelectronics STLC5464 Datasheet HTML 58Page - STMicroelectronics STLC5464 Datasheet HTML 59Page - STMicroelectronics STLC5464 Datasheet HTML 60Page - STMicroelectronics STLC5464 Datasheet HTML 61Page - STMicroelectronics STLC5464 Datasheet HTML 62Page - STMicroelectronics STLC5464 Datasheet HTML 63Page - STMicroelectronics STLC5464 Datasheet HTML 64Page - STMicroelectronics STLC5464 Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 83 page
background image
TC
: Transparent Connection
TC = 1, if READ = 0 :
CAC = 0 and CACL = 0. The DSTR bits are taken into account instead of SRCR bits. SRCR bits
are ignored (Destination and Source are identical). The contents of Input time slot i - Input
multiplex j is switched into Output time slot i - Output multiplex j.
CAC = 0 and CACL = 1. Up to 32 ”Transparent Connections” are set up.
CAC = 1 and CACL = 0. Up to 256 ”Transparent Connections” are set up.
TC = 0, Write and Read Connection Memory in the normal way.
VIII.10 - Sequence Fault Counter Register - SFCR (12)H
bit15
bit8
bit7
bit 0
F15
F14
F13
F12
F11
F10
F9
F8F7F6
F5F4
F3F2F1
F0
After reset (0000)H
This register is read only.
When this register is read by the microprocessor, this register is reset (0000)H.
F0/15 : FAULT0/15
Number of faults detected by the Pseudo Random Sequence analyzer if the analyzer has been
validated and has recovered the receive sequence.
When the Fault Counter Register reaches (FFFF)H it stays at its maximum value.
VIII.11 - Time Slot Assigner Address Register - TAAR (14)H
bit15
bit8
bit7
bit 0
TS4
TS3
TS2
TS1
TS0
READ
Nu
HDI
r
e
s
e
r
v
e
d
After reset (0100)H
READ : READ MEMORY
READ = 1, Read Time slot Assigner Memory.
READ = 0, Write Time slot Assigner Memory.
TS0/4 : TIME SLOTS0/4
These five bits define one of 32 time slots in which a channel is set-up or not.
HDI
: HDLC INIT
HDI = 1, TSA Memory, Tx HDLC, Tx DMA, Rx HDLC, Rx DMA and GCI controllers are reset
within 250ms. An automate writes data from Time slot Assigner Data Register (TADR) (except
CH0/4 bits) into each TSA Memory location. If the microprocessor reads Time slot Assigner
Memory after HDLC INIT, CH0/4 bits of Time slot Assigner Data Register are identical to TS0/4
bits of Time slot Assigner Address Register.
HDI = 0, Normal state.
N.B.
After software reset (bit 2 of IDCR Register) or pin reset the automate above-mentioned is working.
The automate is stopped when the microprocessor writes TAAR Register with HDI = 0.
VIII - INTERNAL REGISTERS (continued)
STLC5464
61/83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com