Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5464 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STLC5464
Description  MULTI-HDLCWITH n x 64 SWITCHING MATRIX ASSOCIATED
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5464 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STLC5464 Datasheet HTML 8Page - STMicroelectronics STLC5464 Datasheet HTML 9Page - STMicroelectronics STLC5464 Datasheet HTML 10Page - STMicroelectronics STLC5464 Datasheet HTML 11Page - STMicroelectronics STLC5464 Datasheet HTML 12Page - STMicroelectronics STLC5464 Datasheet HTML 13Page - STMicroelectronics STLC5464 Datasheet HTML 14Page - STMicroelectronics STLC5464 Datasheet HTML 15Page - STMicroelectronics STLC5464 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 83 page
background image
I.2 - Pin Description (continued)
Pin N
°
Symbol
Type
Function
MICROPROCESSOR INTERFACE (continued)
100
D9
I/O
Data bit 9 for
µP if not multiplexed
101
D10
I/O
Data bit 10 for
µP if not multiplexed
102
D11
I/O
Data bit 11 for
µP if not multiplexed
103
D12
I/O
Data bit 12 for
µP if not multiplexed
104
D13
I/O
Data bit 13 for
µP if not multiplexed
105
D14
I/O
Data bit 14 for
µP if not multiplexed
106
D15
I/O
Data bit 15 for
µP if not multiplexed
MEMORY INTERFACE
109
TRI
I3
Token Ring Input (for use
Multi-HDLCs in cascade)
110
TRO
O4
Token Ring Output (for use
Multi-HDLCs in cascade)
111
NWE
O4T
Write Enable for memory circuits
112
NOE
O4T
Control Output Enable for memory circuits
113
NRAS0/NCE0
O4T
Row Address Strobe Bank 0 / Chip Enable 0 for SRAM
114
NCAS0/NCE1
O4T
Column Address Strobe Bank 0 / Chip Enable1 for SRAM
115
NRAS1/NCE2
O4T
Row Address Strobe Bank 1 / Chip Enable 2 for SRAM
116
NCAS1/NCE3
O4T
Column Address Strobe Bank 1 / Chip Enable 3 for SRAM
117
NRAS2/NCE4
O4T
Row Address Strobe Bank 2 / Chip Enable 4 for SRAM
118
NCE5
O4T
Chip Enable 5 for SRAM
119
NRAS3/NCE6
O4T
Row Address Strobe Bank 3 / Chip Enable 6 for SRAM
120
NCE7
O4T
Chip Enable 7 for SRAM
123
ADM0
O8T
Address bit 0 for SRAM and DRAM
124
ADM1
O8T
Address bit 1 for SRAM and DRAM
125
ADM2
O8T
Address bit 2 for SRAM and DRAM
126
ADM3
O8T
Address bit 3 for SRAM and DRAM
127
ADM4
O8T
Address bit 4 for SRAM and DRAM
128
ADM5
O8T
Address bit 5 for SRAM and DRAM
129
ADM6
O8T
Address bit 6 for SRAM and DRAM
130
ADM7
O8T
Address bit 7 for SRAM and DRAM
131
ADM8
O8T
Address bit 8 for SRAM and DRAM
132
ADM9
O8T
Address bit 9 for SRAM and DRAM
135
ADM10
O8T
Address bit 10 for SRAM and DRAM
136
ADM11
O8T
Address bit 11 for SRAM only
137
ADM12
O8T
Address bit 12 for SRAM only
138
ADM13
O8T
Address bit 13 for SRAM only
139
ADM14
O8T
Address bit 14 for SRAM only
Type : I1 = Input TTL ;
I2 = I1 + Pull-up ;
I3 = I1 + Hysteresis ;
I4 = I3 + Pull-up ;
O4 = Output CMOS 4mA ;
O4T = O4 + Tristate ;
O8 = Output CMOS 8mA, ”1” and ”0” at Low Impedance ;
O8D = Output CMOS 8mA, Open Drain ;
O8DT = Output CMOS 8mA, Open Drain or Tristate ;
O8T = Output CMOS 8mA, Tristate
I - PIN INFORMATION (continued)
STLC5464
12/83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com