Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5464 Datasheet(PDF) 37 Page - STMicroelectronics

Part # STLC5464
Description  MULTI-HDLCWITH n x 64 SWITCHING MATRIX ASSOCIATED
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5464 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STLC5464 Datasheet HTML 33Page - STMicroelectronics STLC5464 Datasheet HTML 34Page - STMicroelectronics STLC5464 Datasheet HTML 35Page - STMicroelectronics STLC5464 Datasheet HTML 36Page - STMicroelectronics STLC5464 Datasheet HTML 37Page - STMicroelectronics STLC5464 Datasheet HTML 38Page - STMicroelectronics STLC5464 Datasheet HTML 39Page - STMicroelectronics STLC5464 Datasheet HTML 40Page - STMicroelectronics STLC5464 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 83 page
background image
IV - DC SPECIFICATIONS
Absolute Maximum Ratings
Symbol
Parameter
Value
Unit
VDD
5V Power Supply Voltage
-0.5, 6.5
V
Input or Output Voltage
-0.5, VDD + 0.5
V
Tstg
Storage Temperature
-55, +125
°C
Power Dissipation
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
P
Power Consumption
VDD = 5V
400
mW
Recommended DC Operating Conditions
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
5V Power Supply Voltage
4.75
5.25
V
Toper
Operating Temperature
0
+70
°C
Note 1 : All the following specifications are valid only within these recommended operating conditions.
TTL Input DC Electrical Characteristics
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIL
Low Level Input Voltage
0.8
V
VIH
High Level Input Voltage
2.0
V
IIL
Low Level Input Current
VI =0V
1
µA
IIH
High Level Input
VI =VDD
-1
µA
Vhyst
SchmittTrigger hysteresis
0.4
0.7
1
V
VT+
Positive Trigger Voltage
2
2.4
V
VT-
Negative Trigger Voltage
0.6
0.8
V
CIN
Input Capacitance (see Note 2)
f = 1MHz @ 0V
2
4
pF
COUT
Output Capacitance
4
CI/O
Bidirextional I/O Capacitance
4
8
Note 2 : Excluding package
CMOS Output DC Electrical Characteristics
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VOL
Low Level Output Voltage
IOL = X mA (see Note 3)
0.4
V
VOH
High Level Output Voltage
IOH = -X mA (see Note 3)
VDD5-0.4
V
Note 3 :
X is the source/sink current under worst case conditions and is reflected in the name of the I/O cell according to the drive capability.
X = 4 or 8mA.
Protection
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VESD
Electrostatic Protection
C = 100pF, R = 1.5k
Ω
2000
V
STLC5464
37/83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com